Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9309 Datasheet (PDF) - Peregrine Semiconductor

PE9309 Datasheet PDF - Peregrine Semiconductor
Part # PE9309
Download  PE9309 Download
File Size   221.48 Kbytes
Page   6 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler

PE9309 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9309 Datasheet PDF - Peregrine Semiconductor

Part # PE9309
Download  PE9309 Click to download

File Size   221.48 Kbytes
Page   6 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler

PE9309 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE9309

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9309 PEREGRINE-PE9309 Datasheet
218Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Pasternack Enterprises,...
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
logo
Peregrine Semiconductor...
PE9309-00 PEREGRINE-PE9309-00 Datasheet
218Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
PE9309-01 PEREGRINE-PE9309-01 Datasheet
218Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
PE9309-11 PEREGRINE-PE9309-11 Datasheet
218Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
More results


Similar Description - PE9309

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE9309 PEREGRINE-PE9309 Datasheet
218Kb / 6P
3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com