Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9601 Datasheet (PDF) - Peregrine Semiconductor

PE9601 Datasheet PDF - Peregrine Semiconductor
Part # PE9601
Download  PE9601 Download
File Size   490.1 Kbytes
Page   14 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications

PE9601 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9601 Datasheet PDF - Peregrine Semiconductor

Part # PE9601
Download  PE9601 Click to download

File Size   490.1 Kbytes
Page   14 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications

PE9601 Datasheet (HTML) - Peregrine Semiconductor


PE9601 Product details

Product Description

Peregrineís PE9601 is a high performance integer-N PLL capable of frequency synthesis up to 2.2 GHz. The device is designed for superior phase noise performance while providing an order of magnitude reduction in current consumption, when compared with existing commercial space PLLs.



Features

• 2.2 GHz operation

• 10/11 prescaler

• Internal phase detector with charge pump

• Serial, parallel or hardwired programmable

• Low power ñ 25 mA at 3 V

• Targeted at Q3236 PLL replacement

• 100 Krad total dose

• 44-lead CLCC




Similar Part No. - PE9601

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Pasternack Enterprises,...
PE9601 PASTERNACK-PE9601 Datasheet
259Kb / 3P
SMA Male to Reverse Polarity TNC Male Adapter
logo
Peregrine Semiconductor...
PE9601EK PEREGRINE-PE9601EK Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Similar Description - PE9601

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com