Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK6002AV Datasheet (PDF) - Asahi Kasei Microsystems

AK6002AV Datasheet PDF - Asahi Kasei Microsystems
Part # AK6002AV
Download  AK6002AV Download
File Size   176.4 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM

AK6002AV Datasheet (PDF)

Go To PDF Page Download Datasheet
AK6002AV Datasheet PDF - Asahi Kasei Microsystems

Part # AK6002AV
Download  AK6002AV Click to download

File Size   176.4 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM

AK6002AV Datasheet (HTML) - Asahi Kasei Microsystems


AK6002AV Product details

General Description
The AK6002A/04A/08A is a 2048/4096/16384-bit serial CMOS EEPROM divided into 256/512/2048 registers of 8 bits each. The AK6002A/04A/08A can operate full function under wide operating voltage range from 1.8V to 5.5V. The charge up circuit is integrated for high voltage generation that is used for write operation.

Features
□ ADVANCED CMOS EEPROM TECHNOLOGY
□ READ/WRITE NON-VOLATILE MEMORY
□ WIDE VCC OPERATION
□ AK6002A • • 2048 bits, 256x8 organization
    AK6004A • • 4096 bits, 512x8 organization
    AK6008A • • 16384 bits, 2048x8 organization
□ I2CTM SERIAL INTERFACE
□ LOW POWER CONSUMPTION
    - 0.8xA max. Standby
□ HIGH RELIABILITY
    - Endurance : 100K cycles
    - Data Retention : 10 years
□ 16 byte page write mode
□ Automatic write cycle time-out with auto-ERASE
□ IDEAL FOR LOW DENSITY DATA STORAGE
    - Low cost, space saving, 8-pin package (SOP, SSOP, TSSOP)




Similar Part No. - AK6002AV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6003A AKM-AK6003A Datasheet
148Kb / 17P
SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
AK6003AV AKM-AK6003AV Datasheet
148Kb / 17P
SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
AK6004A AKM-AK6004A Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
AK6004AF AKM-AK6004AF Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
More results


Similar Description - AK6002AV

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
CMOS 2K/4K-bit SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com