Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMN32112 Datasheet (PDF) - Panasonic Semiconductor

AMN32112 Datasheet PDF - Panasonic Semiconductor
Part # AMN32112
Download  AMN32112 Download
File Size   449.94 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Passive infrared human detection sensor with built-in amp.

AMN32112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMN32112 Datasheet PDF - Panasonic Semiconductor

Part # AMN32112
Download  AMN32112 Click to download

File Size   449.94 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Passive infrared human detection sensor with built-in amp.

AMN32112 Datasheet (HTML) - Panasonic Semiconductor


AMN32112 Product details

FEATURES
1. Sensing circuits enclosed in a TO5 can
    The high-density embedded circuit design eliminates external sensing circuits. Advantages include reduced development and design schedules.
2. Super low current consumption
    Reduction of current consumption allows battery life to be extended for battery driven products, including wireless based and low power consumption devices.
3. Excellent noise resistance (Radiations noise, power supply noise)
    The entire circuitry is enclosed in a metal package, which means it has high electromagnetic shielding capability.
4. Miniaturized lenses with small elements
    A short focal length is all that’s required even when detecting at the same distance, which means both downsizing and high-sensitivity are achieved.

ADVANTAGES
• Simplified circuitry with fully integrated circuit design
• 1µA low current consumption with the proprietary design
• Excellent resistance to electromagnetic noise
• High Signal/Noise ratio to minimize false operation
• Environment-friendliness with “Lead-free” element

TYPICAL APPLICATIONS
• Lighting: lamp, automatic switch, street lighting
• Anti-crime devices: security camera, crime-prevention sensor
• Home appliance: air conditioner, air purifier, fan heater
• Commercial equipments: vending machine, copy machine
• Audio and Visual devices: TV, PC, display




Similar Part No. - AMN32112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
763Kb / 8P
High-sensitive human detection sensor with built-in amp.
More results


Similar Description - AMN32112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMB PANASONIC-EKMB Datasheet
1Mb / 6P
Passive Infrared Motion Sensor
AMN13112 PANASONIC-AMN13112 Datasheet
1Mb / 8P
MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
List of Unclassifed Man...
EKMC ETC1-EKMC Datasheet
556Kb / 6P
Passive Infrared Motion Sensor
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
High-sensitive human detection sensor with built-in amp.
logo
Nais(Matsushita Electri...
AMN13111 NAIS-AMN13111 Datasheet
1Mb / 9P
MOTION SENSOR (PASSIVE INFRARED TYPE)
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
Human detection
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
Built-In Detection Voltage Hysteresis
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
One by one human detection sensor
22-Mar-2021
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com