Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4918 Datasheet (PDF) - ON Semiconductor

2N4918 Datasheet PDF - ON Semiconductor
Part # 2N4918
Download  2N4918 Download
File Size   117.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Medium-Power Plastic PNP Silicon Transistors

2N4918 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4918 Datasheet PDF - ON Semiconductor

Part # 2N4918
Download  2N4918 Click to download

File Size   117.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Medium-Power Plastic PNP Silicon Transistors

2N4918 Datasheet (HTML) - ON Semiconductor


2N4918 Product details

These medium−power, high−performance plastic devices are designed for driver circuits, switching, and amplifier applications.
   
Features
• Pb−Free Package is Available**
• Low Saturation Voltage − VCE(sat) = 0.6 Vdc (Max) @ IC = 1.0 A
• Excellent Power Dissipation Due to Thermopad Construction,
    PD = 30 W @ TC = 25°C
• Excellent Safe Operating Area
• Gain Specified to IC = 1.0 A
• Complement to NPN 2N4921, 2N4922, 2N4923
   




Similar Part No. - 2N4918

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4918 ONSEMI-2N4918 Datasheet
113Kb / 8P
GENERAL.PURPOSE POWER TRANSISTORS
April, 2002 ??Rev. 10
2N4918 ONSEMI-2N4918 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Savantic, Inc.
2N4918 SAVANTIC-2N4918 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N4918 JMNIC-2N4918 Datasheet
47Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4918 ISC-2N4918 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N4918

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Micro Commercial Compon...
TIP105 MCC-TIP105 Datasheet
268Kb / 4P
PNP Plastic Medium-Power Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
PNP Plastic Medium-Power Silicon Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com