Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24M01 Datasheet (PDF) - ON Semiconductor

CAT24M01 Datasheet PDF - ON Semiconductor
Part # CAT24M01
Download  CAT24M01 Download
File Size   179.24 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1 Mb I2C CMOS Serial EEPROM

CAT24M01 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT24M01 Datasheet PDF - ON Semiconductor

Part # CAT24M01
Download  CAT24M01 Click to download

File Size   179.24 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1 Mb I2C CMOS Serial EEPROM

CAT24M01 Datasheet (HTML) - ON Semiconductor


CAT24M01 Product details

Description
The CAT24M01 is a 1024 kb Serial CMOS EEPROM, internally organized as 131,072 words of 8 bits each.
It features a 256−byte page write buffer and supports the Standard (100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this protects the entire memory).
External address pins make it possible to address up to four CAT24M01 devices on the same bus.
On−Chip ECC (Error Correction Code) makes the device suitable for high reliability applications.

Features
• Supports Standard, Fast and Fast−Plus I2C Protocol
• 1.8 V to 5.5 V Supply Voltage Range
• 256−Byte Page Write Buffer
• Hardware Write Protection for Entire Memory
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA)
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• 8−pin PDIP, SOIC, TSSOP and 8−pad UDFN Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - CAT24M01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24M01 ONSEMI-CAT24M01 Datasheet
185Kb / 14P
1 Mb I2C CMOS Serial EEPROM
October, 2011 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01 Datasheet
384Kb / 18P
EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAT24M01HU5I-GT3 ONSEMI-CAT24M01HU5I-GT3 Datasheet
384Kb / 18P
EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAT24M01LI-G ONSEMI-CAT24M01LI-G Datasheet
178Kb / 14P
1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
More results


Similar Description - CAT24M01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
CAT24M01_1110 ONSEMI-CAT24M01_1110 Datasheet
185Kb / 14P
1 Mb I2C CMOS Serial EEPROM
October, 2011 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com