Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25080 Datasheet (PDF) - ON Semiconductor

CAT25080 Datasheet PDF - ON Semiconductor
Part # CAT25080
Download  CAT25080 Download
File Size   188.41 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Kb and 16-Kb SPI Serial CMOS EEPROM

CAT25080 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT25080 Datasheet PDF - ON Semiconductor

Part # CAT25080
Download  CAT25080 Click to download

File Size   188.41 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Kb and 16-Kb SPI Serial CMOS EEPROM

CAT25080 Datasheet (HTML) - ON Semiconductor


CAT25080 Product details

Description
The CAT25080/25160 are 8−Kb/16−Kb Serial CMOS EEPROM devices internally organized as 1024x8/2048x8 bits. They feature a 32−byte page write buffer and support the Serial Peripheral Interface (SPI) protocol. The device is enabled through a Chip Select (CS) input. In addition, the required bus signals are a clock input (SCK), data input (SI) and data output (SO) lines. The HOLD input may be used to pause any serial communication with the CAT25080/25160 device. These devices feature software and hardware write protection, including partial as well as full array protection.

Features
• 20 MHz SPI (5 V) Compatible
• 1.8 V to 5.5 V Supply Voltage Range
• SPI Modes (0,0) & (1,1)
• 32−byte Page Write Buffer
• Self−timed Write Cycle
• Hardware and Software Protection
• Block Write Protection
    − Protect 1/4, 1/2 or Entire EEPROM Array
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• 8−lead PDIP, SOIC, TSSOP and 8−pad TDFN, UDFN Packages
• These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS Compliant




Similar Part No. - CAT25080

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080 ONSEMI-CAT25080 Datasheet
188Kb / 19P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080 ONSEMI-CAT25080 Datasheet
312Kb / 18P
EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
CAT25080HU2E-GT3 ONSEMI-CAT25080HU2E-GT3 Datasheet
187Kb / 16P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
More results


Similar Description - CAT25080

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com