Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34937 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34937 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34937
Download  MC34937 Download
File Size   733.36 Kbytes
Page   49 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Three Phase Field Effect Transistor Pre-driver

MC34937 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34937 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34937
Download  MC34937 Click to download

File Size   733.36 Kbytes
Page   49 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Three Phase Field Effect Transistor Pre-driver

MC34937 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34937 Product details

The 34937A is a field effect transistor (FET) pre-drivers designed for three phase motor control and similar applications. The integrated circuit (IC) uses SMARTMOS technology.
The IC contains three high side FET pre-drivers and three low side FET pre-drivers. Three external bootstrap capacitors provide gate charge to the high side FETs.
The IC interfaces to a MCU via six direct input control signals, an SPI port for device setup and asynchronous reset, enable and interrupt signals. Both 5.0 and 3.0 V logic level inputs are accepted and 5.0 V logic level outputs are provided.

Features
• Extended supply voltage operating range: 6.0 to 58 V
• Wide dead time range (50 ns to 12 s) programmable via the SPI port
• External FET gate drive capability of >1.0 A with protection
• Charge pump ensures sufficient external FET drive at low supply voltages
• Device protection against reverse charge-injection from CGD and CGS of external FETS
• Integrated overcurrent, desaturation, and phase fault-detection
• Immunity against positive or negative transient voltage spikes on the gate driver
• Current shoot-through protection built into dead time control
• Supports direct 3.3 V and 5.0 V logic interface to MCUs
• Integrated current sensing amplifier
• Device configuration and diagnostics through the SPI




Similar Part No. - MC34937

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MC34937 MULTICOMP-MC34937 Datasheet
1Mb / 3P
HDMI Header Connector THT, 19 Pos.
21/03/24 V1.1
More results


Similar Description - MC34937

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
Three-phase motor pre-driver for LBP
logo
Freescale Semiconductor...
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
Three-Phase Field Effect Transistor Pre-Driver
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
Three Phase Field Effect Transistor Pre-driver
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
Three Phase Field Effect Transistor Pre-driver
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
Pre-regulated Three Phase Gate Driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
Three phase field effect transistor
Rev. 13.0-27 October 2020
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com