Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS181 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1SS181 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # 1SS181
Download  1SS181 Download
File Size   147.16 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SOT-23 Plastic-Encapsulate DIODE

1SS181 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS181 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 1SS181
Download  1SS181 Click to download

File Size   147.16 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SOT-23 Plastic-Encapsulate DIODE

1SS181 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


1SS181 Product details

Features

Power dissipation

   PD : 150 mW (Tamb=25°C)

Forward Current

   IF : 100 mA

Reverse Voltage

   VR : 80V

Operating and storage junction temperature range

   Tj, Tsta : -55°C to +150°C



 




Similar Part No. - 1SS181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
logo
TRANSYS Electronics Lim...
1SS181 TEL-1SS181 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS181 BILIN-1SS181 Datasheet
516Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS181 KEXIN-1SS181 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results


Similar Description - 1SS181

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
1SS184 WINNERJOIN-1SS184 Datasheet
70Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196 Datasheet
85Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
BAS16 WINNERJOIN-BAS16 Datasheet
179Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
MMBZ5221B WINNERJOIN-MMBZ5221B Datasheet
137Kb / 2P
SOT-23 Plastic-Encapsulate Diode
1SS187 WINNERJOIN-1SS187_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS193 WINNERJOIN-1SS193_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS196 WINNERJOIN-1SS196_15 Datasheet
85Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
1SS226 WINNERJOIN-1SS226_15 Datasheet
88Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com