Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1868M Datasheet (PDF) - ON Semiconductor

LB1868M Datasheet PDF - ON Semiconductor
Part # LB1868M
Download  LB1868M Download
File Size   89.21 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Fan Motor Driver

LB1868M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1868M Datasheet PDF - ON Semiconductor

Part # LB1868M
Download  LB1868M Click to download

File Size   89.21 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Fan Motor Driver

LB1868M Datasheet (HTML) - ON Semiconductor


LB1868M Product details

Overview
The LB1868M is a 2-phase unipolar brushless motor driver. With only a few peripheral parts, lockup protection and automatic recovery can be implemented. The IC can be configured for 12V or 24V operation and a wide range of variations, from Low speed to H-High speed and from 60cm to 120cm square using the same PCB. This makes it easy to design highly reliable fan motor installations.

Features
● Output protection Zener diode with variable withstand voltage
   Z1, Z2 pins open: VOLM = 57V (24V specification)
   Z1, Z2 pins shorted: VOLM = 32V (12V specification)
   External Zener diode connected across Z1 - VCC pins:
      support for fans with large drive current
● External resistor allows configuration for 12V or 24V
● Direct Hall element connection possible (built-in Hall amplifier
   with hysteresis supports core without auxiliary electrode)
● Built-in output transistor with 1.0A output current
   (strengthened negative-current support for core without auxiliary
   electrode)
● Built-in rotation detection function: Low during rotation and High during stop
● Built-in lockup protection with automatic recovery
● ST pin for motor stop/drive (for standby mode of copiers etc.)
● FG output pin for rotation detection
● BC pin for kickback noise reduction (with 2 external capacitors)
● Built-in thermal shutdown




Similar Part No. - LB1868M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1868M ONSEMI-LB1868M Datasheet
226Kb / 9P
2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-E ONSEMI-LB1868M-TLM-E Datasheet
226Kb / 9P
2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
LB1868M-TLM-H ONSEMI-LB1868M-TLM-H Datasheet
226Kb / 9P
2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
More results


Similar Description - LB1868M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
Fan Motor Driver
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
Fan Motor Driver
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
Fan Motor Driver
logo
ON Semiconductor
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
Fan Motor Driver
May, 2013
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
Fan Motor Driver
May, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
Fan Motor Driver
May, 2013
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
Fan Motor Driver
January, 2014
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
Fan Motor Driver
May, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com