Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1801 Datasheet (PDF) - Advanced Linear Devices

ALD1801 Datasheet PDF - Advanced Linear Devices
Part # ALD1801
Download  ALD1801 Download
File Size   50.57 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description 8 BIT MICROPOWER MULTIPLYING D/A CONVERTER

ALD1801 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1801 Datasheet PDF - Advanced Linear Devices

Part # ALD1801
Download  ALD1801 Click to download

File Size   50.57 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description 8 BIT MICROPOWER MULTIPLYING D/A CONVERTER

ALD1801 Datasheet (HTML) - Advanced Linear Devices


ALD1801 Product details

GENERAL DESCRIPTION
The ALD1801 is an 8-bit monolithic current output digital to analog converter designed to provide low power, low operating voltage and simple operation. It offers industry pin configuration of DAC-08 types, and is intended for a wide range of digital to analog conversion and control applications in +5V single power supply and ±5V dual power supply systems, as well as +3V to +12V battery operated systems. Device characteristics are specified for +5V single supply and 3.3V dual supply systems.

FEATURES
• Low voltage 3V to 12V operation
• Low power 1.8mW max @ 3.3V
• Single supply operation (5V or 3.3V)
• Direct CMOS logic interface
• Complementary current outputs
• Nonlinearity to 0.1% max over temperature range
• High input impedance
• Low full scale current
• High output impedance




Similar Part No. - ALD1801

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD18 ASTEC-ALD18 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48- ASTEC-ALD18A48- Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48-6 ASTEC-ALD18A48-6 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48-6S ASTEC-ALD18A48-6S Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALD18A48-S ASTEC-ALD18A48-S Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
More results


Similar Description - ALD1801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com