Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD4201 Datasheet (PDF) - Advanced Linear Devices

ALD4201 Datasheet PDF - Advanced Linear Devices
Part # ALD4201
Download  ALD4201 Download
File Size   40.17 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES

ALD4201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD4201 Datasheet PDF - Advanced Linear Devices

Part # ALD4201
Download  ALD4201 Click to download

File Size   40.17 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES

ALD4201 Datasheet (HTML) - Advanced Linear Devices


ALD4201 Product details

GENERAL DESCRIPTION

The ALD4201/ALD4202M are quad SPSTCMOS analog switches specifically developed for 3 to 12 volt applications where low charge injection and low leakage currents are important analog switch operating

characteristics. The main features are precision matching, charge compensation circuitry, fast switching, low on-resistance and micropower consumption. The ALD4201 operates in break-before-make switching whereas the ALD4202M operates in make-before-break switching.



FEATURES

• 3V, 5V & 10V supply operation

• ±1.5V, ±2.5V & ±5V supply operation

• 0.1µW power dissipation

• 1pC charge injection

• Rail-to-rail signal range

• Low on-resistance

• pA leakage current

• 4201 break-before-make switching

• 4202M make-before-break switching

• Built-in dual supply level translator



APPLICATIONS

• Low level signal conditioning circuits

• Portable battery operated instruments

• Computer peripherals

• PCMCIA

• Fast sample and hold

• Analog signal multiplexer

• Programmable gain amplifiers

• Switched capacitor circuits

• Micropower based systems

• Video/audio switches

• Feedback control systems




Similar Part No. - ALD4201

ManufacturerPart #DatasheetDescription
logo
ABB
ALD42/125/A ABB-ALD42/125/A Datasheet
306Kb / 1P
Non-metallic systems TYPE PR, PADL & CP Non-metallic conduit
ALD42/125/C90 ABB-ALD42/125/C90 Datasheet
306Kb / 1P
Non-metallic systems TYPE PR, PADL & CP Non-metallic conduit
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211 Datasheet
60Kb / 8P
CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4211 ALD-ALD4211 Datasheet
48Kb / 8P
CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4211DC ALD-ALD4211DC Datasheet
60Kb / 8P
CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
More results


Similar Description - ALD4201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC201A LINER-LTC201A Datasheet
820Kb / 11P
Micropower, Low Charge Injection,Quad CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
logo
Linear Technology
LTC201A LINER-LTC201A_02 Datasheet
195Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Linear Technology
LTC201A LINER-LTC201A_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC202 LINER-LTC202_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
LTC203 LINER-LTC203_15 Datasheet
208Kb / 16P
Micropower, Low Charge Injection, Quad CMOS Analog Switches
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
21-Aug-17
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com