Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD500A Datasheet (PDF) - Advanced Linear Devices

ALD500A Datasheet PDF - Advanced Linear Devices
Part # ALD500A
Download  ALD500A Download
File Size   88.19 Kbytes
Page   11 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION INTEGRATING ANALOG PROCESSOR

ALD500A Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD500A Datasheet PDF - Advanced Linear Devices

Part # ALD500A
Download  ALD500A Click to download

File Size   88.19 Kbytes
Page   11 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION INTEGRATING ANALOG PROCESSOR

ALD500A Datasheet (HTML) - Advanced Linear Devices


ALD500A Product details

GENERAL DESCRIPTION
The ALD500AU/ALD500A/ALD500 are integrating dual slope analog processors, designed to operate on ±5V power supplies for building precision analog-to-digital converters. The ALD500AU/ALD500A/ALD500 feature specifications suitable for 18 bit/17 bit/16 bit resolution conversion, respectively. Together with three capacitors, one resistor, a precision voltage reference, and a digital controller, a precision Analog to Digital converter with auto zero can be implemented. The digital controller can be implemented by an external microcontroller, under either hardware (fixed logic) or software control. For ultra high resolution applications, up to 23 bit conversion can be implemented with an appropriate digital controller and software.

FEATURES
• Resolution up to 18 bits plus sign bit and over-range bit
• Accuracy independent of input source impedances
• High input impedance of 1012 Ω
• Inherently filters and integrates any external noise spikes
• Differential analog input
• Wide bipolar analog input voltage range ±3.5V
• Automatic zero offset compensation
• Low linearity error - as low as 0.002%
• Fast zero-crossing comparator - 1µs
• Low power dissipation - 6mW typical
• Automatic internal polarity detection
• Low input current - 2pA typical
• Microprocessor controlled conversion
• Optional digital control from a microcontroller, an ASIC, or a dedicated digital circuit
• Flexible conversion speed versus resolution trade-off

APPLICATIONS
• 4 1/2 digits to 5 1/2 digits plus sign measurements
• Precision analog signal processor
• Precision sensor interface
• High accuracy DC measurement functions
• Portable battery operated instruments
• Computer peripheral
• PCMCIA




Similar Part No. - ALD500A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500A ADL-ALD500A Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500APC17BIT ADL-ALD500APC17BIT Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500ASC17BIT ADL-ALD500ASC17BIT Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500ASWC17BIT ADL-ALD500ASWC17BIT Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500AU ADL-ALD500AU Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
More results


Similar Description - ALD500A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
UC19432 TI-UC19432 Datasheet
141Kb / 5P
Precision Analog Controller
logo
Advanced Linear Devices
ALD500RAU ALD-ALD500RAU Datasheet
93Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
Analog Servo Processor
logo
Texas Instruments
UC29432 TI1-UC29432_09 Datasheet
1Mb / 9P
Precision Analog Controller
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
Precision ANALOG MULTIPLIER
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
PRECISION INTEGRATING ANALOG PROCESSOR
1999
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com