Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-92 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-92 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # TO-92
Download  TO-92 Download
File Size   143.43 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

TO-92 Datasheet (PDF)

Go To PDF Page Download Datasheet
TO-92 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-92
Download  TO-92 Click to download

File Size   143.43 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

TO-92 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


TO-92 Product details

FEATURES

Power dissipation

  PCM : 0.2 W (Tamb=25℃)

Collector current

  ICM: -0.1 A

Collector-base voltage

  V(BR)CBO : -55 V

Operating and storage junction temperature range

  TJ, Tstg: -55℃ to +150℃




Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
TO-92 (3 leads) Leaded Thru-hole Plastic Package
TO-92 ETC2-TO-92 Datasheet
15Kb / 2P
DING-DONG SOUND EFFECT GENERATOR IC
logo
Suntac Electronic Corp.
TO-92 SUNTAC-TO-92 Datasheet
94Kb / 3P
NPN POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
144Kb / 1P
TRANSISTOR (PNP)
TO-92 WINNERJOIN-TO-92 Datasheet
138Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com