Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1611 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SA1611 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # 2SA1611
Download  2SA1611 Download
File Size   124.09 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

2SA1611 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1611 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SA1611
Download  2SA1611 Click to download

File Size   124.09 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

2SA1611 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


2SA1611 Product details

TRANSISTOR (PNP)

FEATURES
Power dissipation
  PCM  : 0.15 W (Tamb=25℃)
Collector current
  ICM  : -0.1 A
Collector-base voltage
  V(BR)CBO: -60 V
Operating and storage junction temperature range 
  TJ, Tstg: -55℃to +150℃




Similar Part No. - 2SA1611

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA1611 TEL-2SA1611 Datasheet
128Kb / 2P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SA1611 KEXIN-2SA1611 Datasheet
48Kb / 1P
PNP Silicon Epitaxia
logo
SeCoS Halbleitertechnol...
2SA1611 SECOS-2SA1611 Datasheet
109Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1611 HTSEMI-2SA1611 Datasheet
280Kb / 1P
TRANSISTOR(PNP)
More results


Similar Description - 2SA1611

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com