Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2-P-DC24V Datasheet (PDF) - Panasonic Semiconductor

SP2-P-DC24V Datasheet PDF - Panasonic Semiconductor
Part # SP2-P-DC24V
Download  SP2-P-DC24V Download
File Size   111.22 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2c 15A, 4c 10A polarized power relays

SP2-P-DC24V Datasheet (PDF)

Go To PDF Page Download Datasheet
SP2-P-DC24V Datasheet PDF - Panasonic Semiconductor

Part # SP2-P-DC24V
Download  SP2-P-DC24V Click to download

File Size   111.22 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2c 15A, 4c 10A polarized power relays

SP2-P-DC24V Datasheet (HTML) - Panasonic Semiconductor


SP2-P-DC24V Product details

SP RELAYS 2c 15A, 4c 10A polarized power relays

FEATURES
1. Small, slim form factor
   Facilitating the form factor reduction of devices, the overall height of the relay package is less than half that of our HP relay.
2. High sensitivity
   The high-efficiency polarized electromagnetic mechanism in conjunction with our exclusive spring alignment method achieves levels of sensitivity higher than relays that have been available up to now. For both the 2 Form C and 4 Form C single side stable and 2 coil latching types, the 150 mW minimum operating power level allows direct driving by transistor or chip controllers.
3. High reliability and long life
   With a structure that ensures almost perfectly complete twin contact and minimal contact bounce, you get greater reliability than has so far been provided by power relays.
4. Latching types also available
   1 coil latching and 2 coil latching types are available. In cases where it was formerly unavoidable to use pluralrelays for large power memory, you can now use a single SP relay.
5. Strong resistance to vibration and shock
   Our balanced armature technology well withstands vibration and shocks. It provides strong resistance to vibration and shock.
6. Terminals and mounting boards are available.




Similar Part No. - SP2-P-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP2-P-L12V PANASONIC-SP2-P-L12V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-P-L212V PANASONIC-SP2-P-L212V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-P-L224V PANASONIC-SP2-P-L224V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-P-L23V PANASONIC-SP2-P-L23V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-P-L248V PANASONIC-SP2-P-L248V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
More results


Similar Description - SP2-P-DC24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
Flat Relays that Switch 10A/15A Loads Power
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com