Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2878 Datasheet (PDF) - Allegro MicroSystems

2878 Datasheet PDF - Allegro MicroSystems
Part # 2878
Download  2878 Download
File Size   222.3 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description QUAD HIGH-CURRENT DARLINGTON SWITCHES

2878 Datasheet (PDF)

Go To PDF Page Download Datasheet
2878 Datasheet PDF - Allegro MicroSystems

Part # 2878
Download  2878 Click to download

File Size   222.3 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description QUAD HIGH-CURRENT DARLINGTON SWITCHES

2878 Datasheet (HTML) - Allegro MicroSystems


2878 Product details

These quad Darlington arrays are designed to serve as interface between low-level logic and peripheral power devices such as sole noids, motors, incandescent displays, heaters, and similar loads of up to 320 W per channel. Both integrated circuits include transient-suppression diodes that enable use with inductive loads. The input logic is compatible with most TTL, DTL, LSTTL, and 5 V CMOS logic.



FEATURES

■ Output Currents to 4 A

■ Output Voltages to 80 V

■ Loads to 1280 W

■ TTL, DTL, or CMOS Compatible Inputs

■ Internal Clamp Diodes

■ Plastic Single In-Line Package

■ Heat-Sink Tab



 




Similar Part No. - 2878

ManufacturerPart #DatasheetDescription
logo
Heyco.
2878 HEYCO-2878 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Molex Electronics Ltd.
2878-A-A(P909)B MOLEX11-2878-A-A(P909)B Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
2878-A-A(P909)L MOLEX11-2878-A-A(P909)L Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
2878-B-A(550)B MOLEX11-2878-B-A(550)B Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
2878-B-A(550)L MOLEX11-2878-B-A(550)L Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
More results


Similar Description - 2878

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
80 V - 1.5 A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Texas Instruments
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
QUAD 1.5 A DARLINGTON SWITCHES
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
80 V - 1.5 A QUAD DARLINGTON SWITCHES
Sep-2003
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Sep-2003
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
1.5A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
50 V - 1.5 A quad Darlington switches
22-Jan-2009
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com