Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2943 Datasheet (PDF) - Allegro MicroSystems

2943 Datasheet PDF - Allegro MicroSystems
Part # 2943
Download  2943 Download
File Size   97.33 Kbytes
Page   6 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER

2943 Datasheet (PDF)

Go To PDF Page Download Datasheet
2943 Datasheet PDF - Allegro MicroSystems

Part # 2943
Download  2943 Click to download

File Size   97.33 Kbytes
Page   6 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER

2943 Datasheet (HTML) - Allegro MicroSystems


2943 Product details

Designed for use as a general-purpose motor driver, the UDN2943Z half-bridge driver combines high-current sink and source drivers with logic stages, level shifting, diode transient protection, and a voltage regulator for single-supply operation. Capable of operating in extremely harsh environments, this device can withstand high ambient temperatures, output overloads, and repeated power supply transient voltages without damage. The driver can be used in pairs for full-bridge operation, or as triplets in three-phase brushless dc motordrive applications.

FEATURES
■ ±1 A Output Current
■ 8.5 V to 24 V Operating Range
■ Saturated Output Drivers
■ Crossover-Current Protected
■ Logic-Compatible Inputs
■ Withstands 35 V Supply Transients
■ Output-Transient Protection
■ Internal Over-Voltage Protection
■ Tri-State Output
■ Internal Short-Circuit Protection




Similar Part No. - 2943

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2943 KR-2943 Datasheet
53Kb / 3P
255 MHz Center Frequency
logo
Heyco.
2943 HEYCO-2943 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2943 ADAFRUIT-2943 Datasheet
160Kb / 3P
Anodized Aluminum Metal Chasis for a Mini Robot Rover
1/15/2016
logo
KR Electronics, Inc.
2943-SMA KR-2943-SMA Datasheet
105Kb / 3P
255 MHz Bandpass Filter
logo
PHOENIX CONTACT
2943000 PHOENIX-2943000 Datasheet
90Kb / 4P
Electronic housing set, consisting of electronic housing and printed circuit termination blocks, pitch 5
More results


Similar Description - 2943

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
Dual Half Bridge Motor Driver
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com