Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2962 Datasheet (PDF) - Allegro MicroSystems

2962 Datasheet PDF - Allegro MicroSystems
Part # 2962
Download  2962 Download
File Size   141.16 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL

2962 Datasheet (PDF)

Go To PDF Page Download Datasheet
2962 Datasheet PDF - Allegro MicroSystems

Part # 2962
Download  2962 Click to download

File Size   141.16 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL

2962 Datasheet (HTML) - Allegro MicroSystems


2962 Product details

Using PWM to minimize power dissipation and maximize load efficiency, the UDN2962W dual driver is recommended for impact printer solenoids and stepper motors. It is comprised of two source/sink driver pairs rated for continuous operation to ±3 A. It can be connected to drive two independent loads or a single load in the full bridge configuration. Both drivers include output clamp/flyback diodes, input gain and level shifting, a voltage regulator for single supply operation, and pulse-width modulated output-current control circuitry. Inputs are compatible with most TTL, DTL, LSTTL, and low-voltage CMOS or PMOS logic.



FEATURES

■ 4 A Peak Output

■ 45 V Min. Sustaining Voltage

■ Internal Clamp Diodes

■ TTL/PMOS/CMOS Compatible Inputs

■ High-Speed Chopper



 




Similar Part No. - 2962

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2962 KR-2962 Datasheet
69Kb / 3P
70 MHz Center Frequency
logo
Heyco.
2962 HEYCO-2962 Datasheet
111Kb / 1P
Connector Caps and Plugs
logo
PHOENIX CONTACT
2962023 PHOENIX-2962023 Datasheet
132Kb / 4P
UM-16 RELS/KSR-G24/ 1/N/PE/PLC
2962036 PHOENIX-2962036 Datasheet
130Kb / 4P
UM-16 RELS/KSR-G24/1/NPE/E/PLC
2962191 PHOENIX-2962191 Datasheet
128Kb / 4P
UM-16 RELS/KSR-G24/21-21/PLC
More results


Similar Description - 2962

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
Pulse Width Modulated Control Circuit
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1453C TI-TL1453C Datasheet
116Kb / 7P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND-SA55 LINEAR_DIMENSIONS-LND-SA55 Datasheet
112Kb / 1P
Pulse Width Modulated Amplifier
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Shindengen Electric Mfg...
MCZ3001D SHINDENGEN-MCZ3001D Datasheet
154Kb / 2P
Pulse Width Modulated Control Circuit
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com