Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2987 Datasheet (PDF) - Allegro MicroSystems

2987 Datasheet PDF - Allegro MicroSystems
Part # 2987
Download  2987 Download
File Size   84.82 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION

2987 Datasheet (PDF)

Go To PDF Page Download Datasheet
2987 Datasheet PDF - Allegro MicroSystems

Part # 2987
Download  2987 Click to download

File Size   84.82 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION

2987 Datasheet (HTML) - Allegro MicroSystems


2987 Product details

8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION

Providing over-current protection for each of its eight sourcing outputs, the UDN2987A and UDN2987LW drivers are used as an interface between standard low-level logic and relays, motors, solenoids, LEDs, and incandescent lamps. The device includes thermal shutdown and output transient protection/clamp diodes for use with sustaining voltages to 35 V.

FEATURES
■ 350 mA Output Source Current
■ Over-Current Protected
■ Internal Ground Clamp Diodes
■ Output Breakdown Voltage 35 V, Minimum
■ TTL, DTL, PMOS, or CMOS Compatible Inputs
■ Internal Thermal Shutdown
■ Automotive Capable




Similar Part No. - 2987

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2987 KR-2987 Datasheet
48Kb / 3P
Elliptic Lowpass
logo
Adafruit Industries
2987 ADAFRUIT-2987 Datasheet
81Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Yellow
logo
PHOENIX CONTACT
2987024 PHOENIX-2987024 Datasheet
131Kb / 12P
Relay Module - PLC-RSP- 24UC/21AU/RW
2987095 PHOENIX-2987095 Datasheet
125Kb / 4P
PLC-RSP21HC/RW
2987105 PHOENIX-2987105 Datasheet
313Kb / 10P
Relay Module - PLC-RSP- 24UC/21-21/RW
10/27/2021
More results


Similar Description - 2987

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
UDN2987X-6 ALLEGRO-UDN2987X-6 Datasheet
656Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
Over-Current Protection
logo
SG Micro Corp
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
8-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Will Semiconductor Ltd.
WS3212D WILLSEMI-WS3212D Datasheet
844Kb / 13P
Over-Voltage Protection IC with 200X constant current source for Li charging
logo
Infineon Technologies A...
1ED44176N01F INFINEON-1ED44176N01F Datasheet
968Kb / 20P
Single-channel low-side gate driver IC with over-current protection
V 2.2 2019-10-15
1ED44175N01B INFINEON-1ED44175N01B Datasheet
1Mb / 19P
Single-channel low-side IGBT gate driver IC with over-current protection
V 1.1 2020-04-15
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com