Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3054 Datasheet (PDF) - Allegro MicroSystems

3054 Datasheet PDF - Allegro MicroSystems
Part # 3054
Download  3054 Download
File Size   87.01 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs

3054 Datasheet (PDF)

Go To PDF Page Download Datasheet
3054 Datasheet PDF - Allegro MicroSystems

Part # 3054
Download  3054 Click to download

File Size   87.01 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs

3054 Datasheet (HTML) - Allegro MicroSystems


3054 Product details

The A3054KU and A3054SU Hall-effect sensors are digital magnetic sensing ICs capable of communicating over a two-wire power/signal bus. Using a sequential addressing scheme, the device responds to a signal on the bus and returns the diagnostic status of the IC, as well as the status of each monitored external magnetic field. As many as 30 sensors can function on the same two-wire bus. This IC is ideal for multiple sensor applications where minimizing the wiring harness size is desirable or essential.
Each device consists of high-resolution bipolar Hall-effect switching circuitry, the output of which drives high-density CMOS logic stages. The logic stages decode the address pulse and enable a response at the appropriate address. The combination of magnetic-field or switch-status sensing, low-noise amplification of the Hall-transducer output, and high-density decoding and control logic is made possible by the development of a new sensor DABiC™ (digital analog bipolar CMOS) fabrication technology. The A3054SU is an improved replacement for the original UGN3055U.
These unique magnetic sensing ICs are available in two temperature ranges; the A3054SU operates within specifications between -20°C and +85°C, while the A3054KU is rated for operation between -40°C and +125°C. Alternative magnetic and temperature specifications are available on special order. Both versions are supplied in 0.060" (1.54 mm) thick, three-pin plastic SIPs. Each device is clearly marked with a two-digit device address (XX).

FEATURES
■ Complete Multiplexed Hall-Effect ICs with
   Simple Sequential Addressing Protocol
■ Allows Power and Communication Over a
   Two-Wire Bus (Supply/Signal and Ground)
■ Up to 30 Hall-Effect Sensors Can Share a Bus
■ Sensor Diagnostic Capabilities
■ Magnetic-Field or Switch-Status Sensing
■ Low Power of DABiC Technology Favors
   Battery-Powered and Mobile Applications
■ Ideal for Automotive, Consumer, and Industrial Applications




Similar Part No. - 3054

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3054 KR-3054 Datasheet
34Kb / 2P
Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3054 ETC2-3054 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
API Technologies Corp
3054 APITECH-3054 Datasheet
610Kb / 2P
Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3054 HEYCO-3054 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Adafruit Industries
3054 ADAFRUIT-3054 Datasheet
172Kb / 3P
32x16 Red Green Dual Color LED Dot Matrix - 7.62mm Pitch - DE-DP14211
2/29/2016
More results


Similar Description - 3054

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
List of Unclassifed Man...
HAL571 ETC-HAL571 Datasheet
185Kb / 20P
Two-Wire Hall Effect Sensor Family
logo
Micronas
HAL566 MICRONAS-HAL566 Datasheet
231Kb / 21P
Two-Wire Hall Effect Sensor Family
HAL556 MICRONAS-HAL556_1 Datasheet
944Kb / 26P
Two-Wire Hall-Effect Sensor Family
HAL573 MICRONAS-HAL573 Datasheet
1Mb / 36P
Two-Wire Hall-Effect Sensor Family
logo
Infineon Technologies A...
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com