Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7805 Datasheet (PDF) - Rohm

BA7805 Datasheet PDF - Rohm
Part # BA7805
Download  BA7805 Download
File Size   373.56 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1A Output 78 series Regulators 500mA Output 78 series Regulators

BA7805 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA7805 Datasheet PDF - Rohm

Part # BA7805
Download  BA7805 Click to download

File Size   373.56 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1A Output 78 series Regulators 500mA Output 78 series Regulators

BA7805 Datasheet (HTML) - Rohm


BA7805 Product details

Description
BA78□□, BA78M□□ series are three-terminal regulators available with several fixed outputvoltages. It supplies the stable fixes voltage from unstable direct input voltage. The useful output voltage lineup is 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V with 0.5A / 1A current ability. They have nearly same electric characteristics ascompetitor products and cover a wide range of application.

Features
1) Built-in over-current protection circuit and thermal shutdown circuit
2)  High ripple rejection
3)  Available TO220CP-3, TO252-3 package to a wide range application
4)  Compatible replacement to competitor products
5)  Various voltage lineup (5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V, 18V, 20V, 24V)

Applications
Fixed voltage power supply for TV, Audio components, etc




Similar Part No. - BA7805

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7805 ROHM-BA7805 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805 ROHM-BA7805 Datasheet
495Kb / 15P
500mA Output 78 series Regulators
BA7805 ROHM-BA7805 Datasheet
505Kb / 15P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805 ROHM-BA7805 Datasheet
495Kb / 15P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805 ROHM-BA7805 Datasheet
347Kb / 13P
1A Output 78 series Regulators 1A Output 78 series Regulators
More results


Similar Description - BA7805

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
1A Output 78 series Regulators 1A Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
1A Output 78 series Regulators 500mA Output 78 series Regulators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com