Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT312PbF Datasheet (PDF) - International Rectifier

PVT312PbF Datasheet PDF - International Rectifier
Part # PVT312PbF
Download  PVT312PbF Download
File Size   1186.89 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay

PVT312PbF Datasheet (PDF)

Go To PDF Page Download Datasheet
PVT312PbF Datasheet PDF - International Rectifier

Part # PVT312PbF
Download  PVT312PbF Click to download

File Size   1186.89 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Series PVT312PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay

PVT312PbF Datasheet (HTML) - International Rectifier


PVT312PbF Product details

General Description
The PVT312 Photovoltaic Relay is a single-pole, normally open solid-state relay that can replace electromechanical relays in many applications. It utilizes International Rectifier’s proprietary HEXFET power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of nove construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.

Features
◾ HEXFET Power MOSFET output
◾ Bounce-free operation
◾ 4,000 VRMS I/O isolation
◾ Load current limiting
◾ Linear AC/DC operation
◾ Solid-State Reliability
◾ UL recognized and BABT certified;
◾ ESD Tolerance: 4000V Human Body Model 500V Machine Model

Applications
◾ On/Off Hook switch
◾ Dial-Out relay
◾ Ring injection relay
◾ Ground start
◾ General switching




Similar Part No. - PVT312PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVT312PBF IRF-PVT312PBF Datasheet
217Kb / 6P
Bounce-free operation
PVT312PBF IRF-PVT312PBF_15 Datasheet
217Kb / 6P
Bounce-free operation
More results


Similar Description - PVT312PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVA10 IRF-PVA10 Datasheet
89Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
65336 IRF-65336 Datasheet
254Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVN012PBF IRF-PVN012PBF Datasheet
1Mb / 5P
Series PVN012PbF Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com