Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3275 Datasheet (PDF) - Allegro MicroSystems

3275 Datasheet PDF - Allegro MicroSystems
Part # 3275
Download  3275 Download
File Size   65.52 Kbytes
Page   4 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH

3275 Datasheet (PDF)

Go To PDF Page Download Datasheet
3275 Datasheet PDF - Allegro MicroSystems

Part # 3275
Download  3275 Click to download

File Size   65.52 Kbytes
Page   4 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH

3275 Datasheet (HTML) - Allegro MicroSystems


3275 Product details

RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION

The A3515– and A3516– are sensitive, temperature-stable linear Hall effect sensors with greatly improved offset characteristics. Ratiometric, linear Hall-effect sensors provide a voltage output that is proportional to the applied magnetic field and have a quiescent output voltage that is approximately 50% of the supply voltage.

FEATURES
■ Temperature-Stable Quiescent Output Voltage
■ Precise Recoverability After Temperature Cycling
■ Output Voltage Proportional to Applied Magnetic Field
■ Ratiometric Rail-to-Rail Output
■ Improved Sensitivity
■ 4.5 V to 5.5 V Operation
■ Immune to Mechanical Stress
■ Small Package Size
■ Solid-State Reliability




Similar Part No. - 3275

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3275 KR-3275 Datasheet
57Kb / 3P
KR Electronics part number 3275 is a 10 MHz Lowpass filter
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Heyco.
3275 HEYCO-3275 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Klein Tools, Inc.
32751 KLEIN-32751 Datasheet
6Mb / 4P
Drivers SCREW, NUT, MULTI & ADJUSTABLE
Rev. 10/17
logo
TE Connectivity Ltd
327583 TEC-327583 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
More results


Similar Description - 3275

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS276 ANACHIP-ATS276 Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
AH276 DIODES-AH276 Datasheet
868Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com