Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3503 Datasheet (PDF) - Allegro MicroSystems

3503 Datasheet PDF - Allegro MicroSystems
Part # 3503
Download  3503 Download
File Size   183.05 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description RATIOMETRIC, LINEAR HALL-EFFECT SENSORS

3503 Datasheet (PDF)

Go To PDF Page Download Datasheet
3503 Datasheet PDF - Allegro MicroSystems

Part # 3503
Download  3503 Click to download

File Size   183.05 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description RATIOMETRIC, LINEAR HALL-EFFECT SENSORS

3503 Datasheet (HTML) - Allegro MicroSystems


3503 Product details

FEATURES
■ Extremely Sensitive
■ Flat Response to 23 kHz
■ Low-Noise Output
■ 4.5 V to 6 V Operation
■ Magnetically Optimized Package




Similar Part No. - 3503

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
3503 PEREGRINE-3503 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Videk Ltd
3503 VIDEK-3503 Datasheet
114Kb / 1P
ST to ST Duplex patch cord
30.MAY.2007
logo
Multicomp Pro
3503 MULTICOMP-3503 Datasheet
240Kb / 2P
PTFE Heat Shrink Tubing
13/09/22 V1.0
logo
Switchcraft, Inc.
3503 SWITCH-3503 Datasheet
861Kb / 4P
Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
logo
Peregrine Semiconductor...
3503-00 PEREGRINE-3503-00 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
More results


Similar Description - 3503

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
Ratiometric Linear Hall-effect Sensor
06/05
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
OPTEK Technologies
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
Ratiometric Linear Hall-effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
Ratiometric Linear Hall Effect Sensor
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
Ratiometric Linear Hall-Effect Sensor
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
Ratiometric Linear Hall-Effect Sensor
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com