Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG609BNZ Datasheet (PDF) - Analog Devices

ADG609BNZ Datasheet PDF - Analog Devices
Part # ADG609BNZ
Download  ADG609BNZ Download
File Size   166.13 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers

ADG609BNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG609BNZ Datasheet PDF - Analog Devices

Part # ADG609BNZ
Download  ADG609BNZ Click to download

File Size   166.13 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers

ADG609BNZ Datasheet (HTML) - Analog Devices


ADG609BNZ Product details

GENERAL DESCRIPTION
The ADG608 and ADG609 are monolithic CMOS analog multiplexers comprising eight single channels and four differential channels respectively, fully specified for ±5 V, +5 V and +3 V power supplies. The ADG608 switches one of eight inputs to a common output as determined by the 3-bit binary address lines A0, A1 and A2. The ADG609 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched OFF. All the address and enable inputs are TTL compatible over the full specified operating temperature range, making the parts suitable for bus-controlled systems such as data acquisition systems, process controls, avionics and ATEs since the TTL compatible address inputs simplify the digital interface design and reduce the board space requirements.

FEATURES
   +3 V, +5 V, 65 V Power Supplies
   VSS to VDD Analog Signal Range
   Low On Resistance (30 V max)
   Fast Switching Times
      tON 75 ns max
      tOFF 45 ns max
   Low Power Dissipation (1.5 mW max)
   Break-Before-Make Construction
   ESD > 5000 V as per Military Standard 3015.7
   TTL and CMOS Compatible Inputs
  
APPLICATIONS
   Automatic Test Equipment
   Data Acquisition Systems
   Communication Systems
   Avionics and Military Systems
   Microprocessor Controlled Analog Systems
   Medical Instrumentation
   Battery Powered Instruments
   Remote Powered Equipment
   Compatible with 65 V DACs and ADCs such as AD7840/8, AD7870/1/2/4/5/6/8




Similar Part No. - ADG609BNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Similar Description - ADG609BNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608 AD-ADG608 Datasheet
158Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV.A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com