Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4255 Datasheet (PDF) - Allegro MicroSystems

4255 Datasheet PDF - Allegro MicroSystems
Part # 4255
Download  4255 Download
File Size   142.95 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-BIT MICROCONTROLLER

4255 Datasheet (PDF)

Go To PDF Page Download Datasheet
4255 Datasheet PDF - Allegro MicroSystems

Part # 4255
Download  4255 Click to download

File Size   142.95 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-BIT MICROCONTROLLER

4255 Datasheet (HTML) - Allegro MicroSystems


4255 Product details

The A4255CA and A4255CLN microcontrollers make designing with step motors easy, inexpensive, and productive. A reference design technique is integral to the implementation of a system that includes the power circuitry, a low-cost, 8-bit, preprogrammed microcontroller and the other components needed to complete the control hardware. The A4255Cx eliminates the need for software development, expedites the product creation, and hastens the time to market.

The reference design can be utilized directly or integrated into a larger printed wiring board. A further benefit is the compactness of the circuit layout. Power-driver output ratings presently available with these devices are 50 V and ±1.5 A (with the A3955 or A3957). A similar device for 46 V and either 1.5 A (with the SLA7042M) or 3 A (with the SLA7044M) is planned. The reference design supports stepping formats that include full-step, half-step, quarter-step, eighth-step, and sixteenth step (microstepping) increments for a two-phase stepping motor.



FEATURES

■ Full-, Half-, Quarter-, Eighth-, or Sixteenth-Step Increments

■ DC to 20 MHz Clock Input

■ Power-On Reset

■ Brown-Out Reset

■ High-Speed CMOS Technology

■ Low Power, <20 mA @ 5 V, 20 MHz (Typically 9 mA)




Similar Part No. - 4255

ManufacturerPart #DatasheetDescription
logo
Heyco.
4255 HEYCO-4255 Datasheet
93Kb / 1P
Drive Fasteners
logo
Adafruit Industries
4255 ADAFRUIT-4255 Datasheet
836Kb / 2P
Brass Heat-Set Inserts for Plastic - M3 x 4mm - 50 pack
6-12-19
logo
3M Electronics
4255 3M-4255 Datasheet
2Mb / 4P
Reusable Half Face Masks
logo
Turck, Inc.
4255090 TURCK-4255090 Datasheet
327Kb / 3P
Inductive Sensor
11/07/2023
4255096 TURCK-4255096 Datasheet
327Kb / 3P
Inductive Sensor
11/07/2023
More results


Similar Description - 4255

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com