Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV431ALPRAG Datasheet (PDF) - ON Semiconductor

TLV431ALPRAG Datasheet PDF - ON Semiconductor
Part # TLV431ALPRAG
Download  TLV431ALPRAG Download
File Size   193.34 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Precision Adjustable Shunt Regulator

TLV431ALPRAG Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV431ALPRAG Datasheet PDF - ON Semiconductor

Part # TLV431ALPRAG
Download  TLV431ALPRAG Click to download

File Size   193.34 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Precision Adjustable Shunt Regulator

TLV431ALPRAG Datasheet (HTML) - ON Semiconductor


TLV431ALPRAG Product details

Features

• Programmable Output Voltage Range of 1.24 V to 16 V

• Voltage Reference Tolerance ±1.0% for A Series, ±0.5% for B Series and ±0.2% for C Series

• Sharp Low Current Turn−On Characteristic

• Low Dynamic Output Impedance of 0.20  from 100 A to 20 mA

• Wide Operating Current Range of 50 A to 20 mA

• Micro Miniature TSOP−5, SOT−23−3 and TO−92−3 Packages

• These are Pb−Free and Halide−Free Devices

• SCV and NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable



Applications

• Low Output Voltage (3.0 V to 3.3 V) Switching Power Supply Error Amplifier

• Adjustable Voltage or Current Linear and Switching Power Supplies

• Voltage Monitoring

• Current Source and Sink Circuits

• Analog and Digital Circuits Requiring Precision References

• Low Voltage Zener Diode Replacements




Similar Part No. - TLV431ALPRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV431ALPRAG ONSEMI-TLV431ALPRAG Datasheet
187Kb / 14P
Low Voltage Precision Adjustable Shunt Regulator
January, 2005 ??Rev. 7
TLV431ALPRAG ONSEMI-TLV431ALPRAG Datasheet
167Kb / 17P
Low Voltage Precision Adjustable Shunt Regulator
February, 2016 ??Rev. 21
TLV431ALPRAG ONSEMI-TLV431ALPRAG Datasheet
394Kb / 19P
Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results


Similar Description - TLV431ALPRAG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com