Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMST3906 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # MMST3906
Download  MMST3906 Download
File Size   130.59 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

MMST3906 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMST3906 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMST3906
Download  MMST3906 Click to download

File Size   130.59 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description TRANSISTOR (PNP)

MMST3906 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


MMST3906 Product details

FEATURES
* Power dissipation PCM: 0.2 W (Tamb=25℃)
* Collector current ICM: -0.2 A
* Collector-base voltage V(BR) CBO: -40 V
* Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMST3906

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3906 TRSYS-MMST3906 Datasheet
200Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST3906 ROHM-MMST3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Diodes Incorporated
MMST3906 DIODES-MMST3906 Datasheet
42Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30079 Rev. 2P-1
MMST3906 DIODES-MMST3906 Datasheet
322Kb / 9P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
logo
Galaxy Semi-Conductor H...
MMST3906 BILIN-MMST3906 Datasheet
328Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Similar Description - MMST3906

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com