Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5832 Datasheet (PDF) - Allegro MicroSystems

5832 Datasheet PDF - Allegro MicroSystems
Part # 5832
Download  5832 Download
File Size   78.29 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS

5832 Datasheet (PDF)

Go To PDF Page Download Datasheet
5832 Datasheet PDF - Allegro MicroSystems

Part # 5832
Download  5832 Click to download

File Size   78.29 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS

5832 Datasheet (HTML) - Allegro MicroSystems


5832 Product details

Intended originally to drive thermal printheads, the UCN5832A and UCN5832EP have been optimized for low output-saturation voltage, high-speed operation, and pin configurations most convenient for the tight space requirements of high-resolution printheads. These integrated circuits can also be used to drive multiplexed LED displays or incandescent lamps at up to 150 mA peak current. The combination of bipolar and MOS technologies gives BiMOS II arrays an interface flexibility beyond the reach of standard buffers and power driver circuits.



FEATURES

■ To 3.3 MHz Data Input Rate

■ Low-Power CMOS Logic and Latches

■ 40 V Current Sink Outputs

■ Low Saturation Voltage

■ Automotive Capable



 




Similar Part No. - 5832

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58325-1 MACOM-58325-1 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
Littelfuse
58326-06 LITTELFUSE-58326-06 Datasheet
403Kb / 2P
COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
58328 LITTELFUSE-58328 Datasheet
252Kb / 1P
58328 SERIES ROCKER SWITCHES
2019 Rev: 021119
More results


Similar Description - 5832

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5833 ALLEGRO-5833 Datasheet
153Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com