Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6812 Datasheet (PDF) - Allegro MicroSystems

6812 Datasheet PDF - Allegro MicroSystems
Part # 6812
Download  6812 Download
File Size   178.78 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER

6812 Datasheet (PDF)

Go To PDF Page Download Datasheet
6812 Datasheet PDF - Allegro MicroSystems

Part # 6812
Download  6812 Click to download

File Size   178.78 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER

6812 Datasheet (HTML) - Allegro MicroSystems


6812 Product details

DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER

The A6818– devices combine a 32-bit CMOS shift register, accompanying data latches and control circuitry with bipolar sourcing outputs and pnp active pull downs. Designed primarily to drive vacuum fluorescent displays, the 60 V and -40 mA output ratings also allow these devices to be used in many other peripheral power driver applications. The A6818– features an increased data input rate (compared with the older UCN/UCQ5818–F) and a controlled output slew rate.

FEATURES
■ Controlled Output Slew Rate
■ High-Speed Data Storage
■ 60 V Minimum Output Breakdown
■ High Data Input Rate
■ PNP Active Pull-Downs
■ Low Output-Saturation Voltages
■ Low-Power CMOS Logic and Latches
■ Improved Replacements for SN75518N, SN75518NF, UCN5818–, and UCQ5818–




Similar Part No. - 6812

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6812 ALPHAWIRE-6812 Datasheet
92Kb / 2P
Customer Specification
12/13/2022
logo
List of Unclassifed Man...
68120 ETC2-68120 Datasheet
531Kb / 1P
ESD Inspection Glove
68121 ETC2-68121 Datasheet
531Kb / 1P
ESD Inspection Glove
68122 ETC2-68122 Datasheet
531Kb / 1P
ESD Inspection Glove
logo
Vishay Siliconix
68122E3 VISHAY-68122E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
More results


Similar Description - 6812

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Micrel Semiconductor
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
8-Bit Serial-Input Latched Source Driver
logo
Allegro MicroSystems
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6818 ALLEGRO-6818 Datasheet
124Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
DABiC-IV 20-Bit Serial-Input Latched Source Driver
A6810SLW-T ALLEGRO-A6810SLW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com