Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6B595 Datasheet (PDF) - Allegro MicroSystems

6B595 Datasheet PDF - Allegro MicroSystems
Part # 6B595
Download  6B595 Download
File Size   136.99 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-BIT SERIAL-INPUT, DMOS POWER DRIVER

6B595 Datasheet (PDF)

Go To PDF Page Download Datasheet
6B595 Datasheet PDF - Allegro MicroSystems

Part # 6B595
Download  6B595 Click to download

File Size   136.99 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-BIT SERIAL-INPUT, DMOS POWER DRIVER

6B595 Datasheet (HTML) - Allegro MicroSystems


6B595 Product details

The A6B595KA and A6B595KLW combine an 8-bit CMOS shift register and accompanying data latches, control circuitry, and DMOS power driver outputs. Power driver applications include relays, solenoids, and other medium-current or high-voltage peripheral power loads.
The serial-data input, CMOS shift register and latches allow direct interfacing with microprocessor-based systems. Serial-data input rates are over 5 MHz. Use with TTL may require appropriate pull-up resistors to ensure an input logic high.
A CMOS serial-data output enables cascade connections in applications requiring additional drive lines. Similar devices with reduced rDS(on) are available as the A6595KA and A6595KLW.
The A6B595 DMOS open-drain outputs are capable of sinking up to 500 mA. All of the output drivers are disabled (the DMOS sink drivers turned off) by the OUTPUT ENABLE input high.
The A6B595KA is furnished in a 20-pin dual in-line plastic package. The A6B595KLW is furnished in a wide-body, small-outline plastic package (SOIC) with gull-wing leads. Copper lead frames, reduced supply current requirements, and low on-state resistance allow both devices to sink 150 mA from all outputs continuously, to ambient temperatures over 85°C.

FEATURES
■ 50 V Minimum Output Clamp Voltage
■ 150 mA Output Current (all outputs simultaneously)
■ 5 Ω Typical rDS(on)
■ Low Power Consumption
■ Replacements for TPIC6B595N and TPIC6B595DW




Similar Part No. - 6B595

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
Isolated, Field Configurable Digital I/O
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
Isolated, Field Configurable Digital I/O
REV. 0
6B50-2 AD-6B50-2 Datasheet
488Kb / 8P
Isolated, Field Configurable Digital I/O
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
Isolated, Field Configurable Digital I/O
REV. 0
More results


Similar Description - 6B595

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6595 ALLEGRO-6595 Datasheet
167Kb / 10P
8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
6A595 ALLEGRO-6A595 Datasheet
176Kb / 10P
8-BIT SERIAL-INPUT, DMOS POWER DRIVER
March 22, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
8-BIT LATCHED DMOS POWER DRIVER
A6B595KLW-T ALLEGRO-A6B595KLW-T Datasheet
343Kb / 10P
8-Bit Serial-Input DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6A595 ALLEGRO-A6A595 Datasheet
217Kb / 11P
8-Bit Serial Input, DMOS Power Driver
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
8-Bit Latched, DMOS Power Driver
A6595 ALLEGRO-A6595 Datasheet
298Kb / 10P
8-Bit Serial Input DMOS Power Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com