Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8178 Datasheet (PDF) - Allegro MicroSystems

8178 Datasheet PDF - Allegro MicroSystems
Part # 8178
Download  8178 Download
File Size   49.92 Kbytes
Page   4 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 7.7 V PREREGULATOR

8178 Datasheet (PDF)

Go To PDF Page Download Datasheet
8178 Datasheet PDF - Allegro MicroSystems

Part # 8178
Download  8178 Click to download

File Size   49.92 Kbytes
Page   4 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 7.7 V PREREGULATOR

8178 Datasheet (HTML) - Allegro MicroSystems


8178 Product details

LOW-DROPOUT, 7.7 V PREREGULATOR

Designed specifically to meet the stringent requirements of automotive applications, the A8178LLR and A8178LLT provide an output voltage of 7.7 V ±15% for supply voltages greater than 6.9 V. They also provide a low-dropout tracking output for supply voltages down to 2.5 V. These regulators are intended to be used with sensitive automotive electronics systems that do not have the capability of low dropout operation and cannot withstand the high-voltage transients typical of automotive applications. These 7.7 V preregulators will withstand all ISO pulses (ignition coil disconnect requires an external diode) and will continue to operate during positive power supply transients (noise).

These devices are supplied in small-outline plastic transistor packages for surface-mount applications. The A8178LLR is supplied in the minimum footprint SOT-23/TO-236AB; the A8178LLT is furnished in the SOT-89/TO-243AA for increased allowable package power dissipation.




Similar Part No. - 8178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8178 ETC-8178 Datasheet
258Kb / 1P
Heyco짰 Plug-In Device Contacts
logo
Belden Inc.
8178 BELDEN-8178 Datasheet
168Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
logo
Heyco.
8178 HEYCO-8178 Datasheet
290Kb / 1P
Plug-In Device Contacts
logo
RAF ELECTRONIC HARDWARE
8178-1032-A RAF-8178-1032-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8178-1032-SS RAF-8178-1032-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results


Similar Description - 8178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
logo
TOKO, Inc
TK701XX TOKO-TK701XX Datasheet
116Kb / 6P
1.0 V LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
5 V low dropout voltage regulator
07-Feb-2012
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com