Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979D Datasheet (PDF) - STMicroelectronics

L4979D Datasheet PDF - STMicroelectronics
Part # L4979D
Download  L4979D Download
File Size   475.34 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low drop voltage regulator

L4979D Datasheet (PDF)

Go To PDF Page Download Datasheet
L4979D Datasheet PDF - STMicroelectronics

Part # L4979D
Download  L4979D Click to download

File Size   475.34 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low drop voltage regulator

L4979D Datasheet (HTML) - STMicroelectronics


L4979D Product details

Description
L4979D and L4979MD are low dropout linear regulators with microprocessor control functions such as low voltage reset, watchdog, on/off control. Typical quiescent current is 100 µA in very low output current mode and enabled regulator. The devices drop to 6 µA with not enabled regulators. On chip trimming results in high output voltage accuracy (2%). Accuracy is kept over wide temperature range, line and load variation. The maximum input voltage is 40 V. The max output current is internally limited. Internal temperature protection disables the voltage regulator output.

Features
■ Operating DC supply voltage range 5.6 V to 31 V
■ Low quiescent current (6 µA typ. @ 25 °C with enable low)
■ High precision output voltage (2%)
■ Low dropout voltage less than 0.5 V
■ Reset circuit sensing the output voltage down to 1 V
■ Programmable reset pulse delay with external capacitor
■ Watchdog
■ Programmable watchdog timer with external capacitor




Similar Part No. - L4979D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
L4979D-E STMICROELECTRONICS-L4979D-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4979D-E STMICROELECTRONICS-L4979D-E Datasheet
656Kb / 22P
Automotive low dropout voltage regulator
21-Sep-2023
L4979D013TR STMICROELECTRONICS-L4979D013TR Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
L4979D13TR STMICROELECTRONICS-L4979D13TR Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
More results


Similar Description - L4979D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com