Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1819 Datasheet (PDF) - ON Semiconductor

P1819 Datasheet PDF - ON Semiconductor
Part # P1819
Download  P1819 Download
File Size   264.23 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Notebook LCD Panel EMI Reduction IC

P1819 Datasheet (PDF)

Go To PDF Page Download Datasheet
P1819 Datasheet PDF - ON Semiconductor

Part # P1819
Download  P1819 Click to download

File Size   264.23 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Notebook LCD Panel EMI Reduction IC

P1819 Datasheet (HTML) - ON Semiconductor


P1819 Product details

Product Description
The P1819 is a Versatile Spread Spectrum Frequency Modulator designed specifically for input clock frequencies from 20 to 40MHz. (Refer to Input Frequency and Modulation Rate Table). The P1819 reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of down stream clock and data dependent signals. The P1819 allows significant system cost savings by reducing the number of circuit board layers, ferrite beads, shielding, and other passive components that are traditionally required to pass EMI regulations.
The P1819 modulates the output of a single PLL in order to “spread” the bandwidth of a synthesized clock, and more importantly, decreases the peak amplitudes of its harmonics. This result in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most frequency generators. Lowering EMI by increasing a signal’s bandwidth is called ‘Spread Spectrum Clock Generation’.
The P1819 is available in different spread deviation, refer to Spread Deviation Selection Table.
The P1819 uses the most efficient and optimized modulation profile approved by the FCC and is implemented in a proprietary all digital method

Features
• FCC approved method of EMI attenuation.
• Provides up to 15dB EMI reduction.
• Generates a low EMI Spread Spectrum clock and a non-spread reference clock of the input frequency.
• Optimized for Frequency range from 20 to 40MHz.
• Internal loop filter minimizes external components and board space.
• Selectable spread options: Down and Center.
• Low Inherent Cycle-to-Cycle jitter.
• Two different deviation selections.
• ModRate is compliant with ATI M7x VGA spec.
• 3.3V ± 0.3V Operating Voltage range.
• Low power CMOS design.
• Supports notebook VGA and other LCD timing controller applications.
• Power Down function for mobile application.
• Available in 8-pin SOIC Package.

Applications
  The P1819 is targeted towards EMI management for memory and LVDS interfaces in mobile graphic chipsets and high-speed digital applications such as PC peripheral devices, consumer electronics, and embedded controller systems.




Similar Part No. - P1819

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P1819 ALSC-P1819 Datasheet
370Kb / 9P
Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P1819 PULSECORE-P1819 Datasheet
180Kb / 8P
Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819 ONSEMI-P1819 Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
logo
Alliance Semiconductor ...
P1819A-08SR ALSC-P1819A-08SR Datasheet
60Kb / 8P
Low Power Mobile VGA EMI Reduction IC
P1819A-08SR ALSC-P1819A-08SR Datasheet
370Kb / 9P
Notebook LCD Panel EMI Reduction IC
More results


Similar Description - P1819

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A ALSC-P1707A Datasheet
209Kb / 10P
Notebook LCD Panel EMI Reduction IC
P1819 ALSC-P1819 Datasheet
370Kb / 9P
Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A PULSECORE-P1707A Datasheet
176Kb / 7P
Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com