Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT4403 Datasheet (PDF) - NXP Semiconductors

PMBT4403 Datasheet PDF - NXP Semiconductors
Part # PMBT4403
Download  PMBT4403 Download
File Size   128.09 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP switching transistor

PMBT4403 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT4403 Datasheet PDF - NXP Semiconductors

Part # PMBT4403
Download  PMBT4403 Click to download

File Size   128.09 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP switching transistor

PMBT4403 Datasheet (HTML) - NXP Semiconductors


PMBT4403 Product details

DESCRIPTION
PNP switching transistor in a SOT23 plastic package.
NPN complement: PMBT4401.

FEATURES
• High current (max. 600 mA)
• Low voltage (max. 40 V).

APPLICATIONS
• Industrial and consumer switching applications.




Similar Part No. - PMBT4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT4403 PHILIPS-PMBT4403 Datasheet
46Kb / 8P
PNP switching transistor
1999 Apr 15
PMBT4403 NXP-PMBT4403 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
logo
Nexperia B.V. All right...
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
40 V, 600 mA, PNP switching transistor
5 March 2015
PMBT4403-Q NEXPERIA-PMBT4403-Q Datasheet
229Kb / 11P
40 V, 600 mA PNP switching transistor
3 June 2025
PMBT4403YS NEXPERIA-PMBT4403YS Datasheet
704Kb / 15P
40V, 600 mA double PNP switching transistor
More results


Similar Description - PMBT4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PMST3906 PHILIPS-PMST3906 Datasheet
47Kb / 8P
PNP switching transistor
1999 Apr 22
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com