Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7859BS Datasheet (PDF) - Analog Devices

AD7859BS Datasheet PDF - Analog Devices
Part # AD7859BS
Download  AD7859BS Download
File Size   405.8 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs

AD7859BS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7859BS Datasheet PDF - Analog Devices

Part # AD7859BS
Download  AD7859BS Click to download

File Size   405.8 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs

AD7859BS Datasheet (HTML) - Analog Devices


AD7859BS Product details

GENERAL DESCRIPTION
The AD7859/AD7859L are high speed, low power, 8-channel, 12-bit ADCs which operate from a single 3 V or 5 V power supply, the AD7859 being optimized for speed and the AD7859L for low power. The ADC contains self-calibration and system calibration options to ensure accurate operation over time and temperature and have a number of power-down options for low power applications.
   
FEATURES
    Specified for VDD of 3 V to 5.5 V
    AD7859–200 kSPS; AD7859L–100 kSPS
    System and Self-Calibration
    Low Power
        Normal Operation
            AD7859: 15 mW (VDD = 3 V)
            AD7859L: 5.5 mW (VDD = 3 V)
        Using Automatic Power-Down After Conversion (25 μW)
            AD7859: 1.3 mW (VDD = 3 V 10 kSPS)
            AD7859L: 650 μW (VDD = 3 V 10 kSPS)
    Flexible Parallel Interface:
        16-Bit Parallel/8-Bit Parallel
    44-Pin PQFP and PLCC Packages
   
APPLICATIONS
    Battery-Powered Systems (Personal Digital Assistants,
        Medical Instruments, Mobile Communications)
    Pen Computers
    Instrumentation and Control Systems
    High Speed Modems
   




Similar Part No. - AD7859BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7859BS AD-AD7859BS Datasheet
535Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV.A
AD7859BS AD-AD7859BS Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859BS AD-AD7859BS Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859BS AD-AD7859BS Datasheet
450Kb / 29P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
23-Feb-2017
More results


Similar Description - AD7859BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV.A
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_17 Datasheet
450Kb / 29P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com