Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3301AR-3.2 Datasheet (PDF) - Analog Devices

ADP3301AR-3.2 Datasheet PDF - Analog Devices
Part # ADP3301AR-3.2
Download  ADP3301AR-3.2 Download
File Size   128.69 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator

ADP3301AR-3.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3301AR-3.2 Datasheet PDF - Analog Devices

Part # ADP3301AR-3.2
Download  ADP3301AR-3.2 Click to download

File Size   128.69 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator

ADP3301AR-3.2 Datasheet (HTML) - Analog Devices


ADP3301AR-3.2 Product details

GENERAL DESCRIPTION
The ADP3301 is a member of the ADP330x family of precision low dropout anyCAP™* voltage regulators. The ADP3301 stands out from the conventional LDOs with a novel architecture, an enhanced process and a new package. Its patented design includes a noninverting wideband driver and a stage that permits the use of an internal “pole splitting” capacitor to stabilize the feedback loop with a single output capacitor as small as 0.47 µF. This device is stable with any type of capacitor regardless of its ESR (Equivalent Serial Resistance) value, including ceramic types (MLCC) for space restricted applications. The ADP3301 achieves exceptional accuracy of ±0.8% at room temperature and ±1.4% overall accuracy over temperature, line and load regulations. The dropout voltage of the ADP3301 is only 100 mV (typical) at 100 mA.

FEATURES
    High Accuracy (Over Line and Load Regulations at +25°C): 60.8%
    Ultralow Dropout Voltage: 100 mV Typical @ 100 mA
    Requires Only CO = 0.47 μF for Stability
    anyCAP™* = Stable with All Types of Capacitors
    Current and Thermal Limiting
    Low Noise
    Dropout Detector
    Low Shutdown Current: 1 μA
    Several Fixed Voltage Options
    3.0 V to 12 V Supply Range
    –20°C to +85°C Ambient Temperature Range
    Thermally Enhanced SO-8 Package
    Excellent Line and Load Regulations

APPLICATIONS
    Cellular Telephones
    Notebook, Palmtop Computers
    Battery Powered Systems
    Portable Instruments
    Post Regulator for Switching Supplies
    Bar Code Scanners




Similar Part No. - ADP3301AR-3.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3301AR-3.2 AD-ADP3301AR-3.2 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301AR-3.2 AD-ADP3301AR-3.2 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Similar Description - ADP3301AR-3.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV.A
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com