Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP55N06 Datasheet (PDF) - Motorola, Inc

MTP55N06 Datasheet PDF - Motorola, Inc
Part # MTP55N06
Download  MTP55N06 Download
File Size   143.24 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm

MTP55N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP55N06 Datasheet PDF - Motorola, Inc

Part # MTP55N06
Download  MTP55N06 Click to download

File Size   143.24 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm

MTP55N06 Datasheet (HTML) - Motorola, Inc


MTP55N06 Product details

TMOS E-FET Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate

This advanced high voltage TMOS E–FET is designed to withstand high energy in the avalanche mode and switch efficiently. This new high energy device also offers a drain–to–source diode with fast recovery time. Designed for high voltage, high speed switching applications in power supplies, PWM motor controls and other inductive loads, the avalanche energy capability is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients.

• Avalanche Energy Capability Specified at Elevated Temperature
• Source–to–Drain Diode Recovery Time Comparable to a
   Discrete Fast Recovery Diode
• Low Stored Gate Charge for Efficient Switching
• Internal Source–to–Drain Diode Designed to Replace External
   Zener Transient Suppressor–Absorbs High Energy in the
   Avalanche Mode
• ESD Protected. Designed to Typically Withstand 400 V
   Machine Model and 4000 V Human Body Model.




Similar Part No. - MTP55N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTP55N06Z ISC-MTP55N06Z Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MTP55N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP75N06HD MOTOROLA-MTP75N06HD Datasheet
275Kb / 8P
TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
MTY55N20E MOTOROLA-MTY55N20E Datasheet
231Kb / 8P
TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com