Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON7538L Datasheet (PDF) - Alpha & Omega Semiconductors

AON7538L Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7538L
Download  AON7538L Download
File Size   77.24 Kbytes
Page   1 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description DFN3X3 PACKAGE MARKING DESCRIPTION

AON7538L Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7538L Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7538L
Download  AON7538L Click to download

File Size   77.24 Kbytes
Page   1 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description DFN3X3 PACKAGE MARKING DESCRIPTION

AON7538L Datasheet (HTML) - Alpha & Omega Semiconductors


AON7538L Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5V VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial

Product Summary
    VDS                                       30V
    ID (at VGS=10V)                   30A
    RDS(ON) (at VGS=10V)    < 5.1mΩ
    RDS(ON) (at VGS = 4.5V) < 8.2mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AON7538L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7532E AOSMD-AON7532E Datasheet
76Kb / 1P
DFN3X3 PACKAGE MARKING DESCRIPTION
AON7534 AOSMD-AON7534 Datasheet
284Kb / 6P
30V N-Channel AlphaMOS
logo
SHENZHEN DOINGTER SEMIC...
AON7534 DOINGTER-AON7534 Datasheet
884Kb / 6P
N-Channel MOSFET uses advanced SGT to minimize on-state resistance
logo
Alpha & Omega Semicondu...
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
30V N-Channel AlphaMOS
More results


Similar Description - AON7538L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOV20S60 AOSMD-AOV20S60 Datasheet
77Kb / 1P
DFN8X8 PACKAGE MARKING DESCRIPTION
AOTF3N80 AOSMD-AOTF3N80 Datasheet
102Kb / 1P
TO220F PACKAGE MARKING DESCRIPTION
AON7764 AOSMD-AON7764 Datasheet
76Kb / 1P
DFN3X3 PACKAGE MARKING DESCRIPTION
AON7760 AOSMD-AON7760 Datasheet
76Kb / 1P
DFN3.3X3.3 PACKAGE MARKING DESCRIPTION
AON7532E AOSMD-AON7532E Datasheet
76Kb / 1P
DFN3X3 PACKAGE MARKING DESCRIPTION
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
DFN3X3 PACKAGE MARKING DESCRIPTION
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF42S60L AOSMD-AOTF42S60L Datasheet
127Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF3N90 AOSMD-AOTF3N90 Datasheet
124Kb / 1P
PACKAGE MARKING DESCRIPTION
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com