Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON7520 Datasheet (PDF) - Alpha & Omega Semiconductors

AON7520 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON7520
Download  AON7520 Download
File Size   102.61 Kbytes
Page   3 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Plastic Encapsulated Device

AON7520 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON7520 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON7520
Download  AON7520 Click to download

File Size   102.61 Kbytes
Page   3 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Plastic Encapsulated Device

AON7520 Datasheet (HTML) - Alpha & Omega Semiconductors


AON7520 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(ON) at 2.5V VGS
• Low Gate Charge
• ESD protection
• RoHS and Halogen-Free Compliant

Product Summary
   VDS                                     30V
   ID (at VGS=10V)                  50A
   RDS(ON) (at VGS=10V)     < 1.8mΩ
   RDS(ON) (at VGS=4.5V)    < 2.1mΩ
   RDS(ON) (at VGS=2.5V)    < 3.1mΩ

Typical ESD protection HBM Class 2
   100% UIS Tested
   100% Rg Tested

Application
• Load switch, battery switch in portable devices




Similar Part No. - AON7520

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AON7520 VBSEMI-AON7520 Datasheet
1,020Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AON7520

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
Plastic Encapsulated Device
AOZ8000CI AOSMD-AOZ8000CI Datasheet
121Kb / 4P
Plastic Encapsulated Device
AOD456A AOSMD-AOD456A Datasheet
108Kb / 5P
Plastic Encapsulated Device
AOW20C60 AOSMD-AOW20C60 Datasheet
83Kb / 3P
Plastic Encapsulated Device
AOTF260L AOSMD-AOTF260L Datasheet
39Kb / 3P
Plastic Encapsulated Device
AOTF10T60 AOSMD-AOTF10T60 Datasheet
79Kb / 3P
Plastic Encapsulated Device
AOTF7N60FD AOSMD-AOTF7N60FD Datasheet
80Kb / 3P
Plastic Encapsulated Device
AON6554 AOSMD-AON6554 Datasheet
93Kb / 3P
Plastic Encapsulated Device
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
Plastic Encapsulated Device
AON1610 AOSMD-AON1610 Datasheet
60Kb / 3P
Plastic Encapsulated Device
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com