Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL108-338 Datasheet (PDF) - Alpha Industries

AL108-338 Datasheet PDF - Alpha Industries
Part # AL108-338
Download  AL108-338 Download
File Size   188.44 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs PHEMT Switchable Gain LNA

AL108-338 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL108-338 Datasheet PDF - Alpha Industries

Part # AL108-338
Download  AL108-338 Click to download

File Size   188.44 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs PHEMT Switchable Gain LNA

AL108-338 Datasheet (HTML) - Alpha Industries


AL108-338 Product details

Description
The AL108-338 is an LNA designed for use in 3.2–3.8 GHz WLAN applications. The leadless surface mount package houses a GaAs PHEMT MMIC that yields low noise, good 50 Ω match, high gain and powerful P1 dB performance. Powered by a single 5 V supply, it also offers a 10 dB gain adjustment range.

Features
■ For 3.2–3.8 GHz Fixed Wireless Applications
■ Adjustable Gain
■ +7 dBm Output Power
■ +17 dBm Output IP3
■ 2.7 dB Noise Figure
■ Single +5 V Supply
■ Input and Output Matched to 50 Ω




Similar Part No. - AL108-338

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
AL10 RICHCO-AL10 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
List of Unclassifed Man...
AL100 ETC1-AL100 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
logo
Taoglas antenna solutio...
AL100.301111 TAOGLAS-AL100.301111 Datasheet
2Mb / 19P
Magma AL100
2024-01-30 Revision: A
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
THIN FILM CHIP INDUCTOR
20090325-B
AL10050N4DL ABC-AL10050N4DL Datasheet
94Kb / 6P
THIN FILM CHIP INDUCTOR
20090325-B
More results


Similar Description - AL108-338

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC636ST89 HITTITE-HMC636ST89 Datasheet
231Kb / 6P
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
HMC636ST89 HITTITE-HMC636ST89_11 Datasheet
974Kb / 6P
GaAs pHEMT High Linearity Gain Block, 0.2 - 4.0 GHz
HMC668LP3 HITTITE-HMC668LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
HMC669LP3 HITTITE-HMC669LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
HMC998 HITTITE-HMC998_12 Datasheet
588Kb / 10P
GaAs pHEMT MMIC
HMC1022 HITTITE-HMC1022_12 Datasheet
725Kb / 10P
GaAs pHEMT MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S257 AVAGO-AFEM-S257 Datasheet
191Kb / 14P
GaAs E-pHEMT, pHEMT and FBAR technology
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
GaAs MMIC LNA
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com