Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP602-E Datasheet (PDF) - Microchip Technology

MCP602-E Datasheet PDF - Microchip Technology
Part # MCP602-E
Download  MCP602-E Download
File Size   497.98 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V to 6.0V Single Supply CMOS Op Amps

MCP602-E Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP602-E Datasheet PDF - Microchip Technology

Part # MCP602-E
Download  MCP602-E Click to download

File Size   497.98 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7V to 6.0V Single Supply CMOS Op Amps

MCP602-E Datasheet (HTML) - Microchip Technology


MCP602-E Product details

DESCRIPTION

The Microchip Technology Inc. MCP601/602/603/604 family of low power operational amplifiers are offered in single (MCP601), single with a Chip Selectpin feature (MCP603), dual (MCP602) and quad (MCP604) configurations.



FEATURES

• Specifications rated from 2.7V to 5.5V supplies

• Rail-to-rail swing at output

• Common-mode input swing below ground

•2.8MHz GBWP

• Unity gain stable

• Low power IDD= 325µA max

• Chip Selectcapability with MCP603

• Industrial temperature range (-40°C to 85°C)

• Available in single, dual and quad




Similar Part No. - MCP602-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP602-E/P MICROCHIP-MCP602-E/P Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602-ECH MICROCHIP-MCP602-ECH Datasheet
611Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602-EOT MICROCHIP-MCP602-EOT Datasheet
611Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602-EP MICROCHIP-MCP602-EP Datasheet
611Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602-EP MICROCHIP-MCP602-EP Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
More results


Similar Description - MCP602-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
2.7V to 5.5V Single-Supply CMOS Op Amps
2004
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP602I-P MICROCHIP-MCP602I-P Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604-I MICROCHIP-MCP604-I Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com