Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1700 Datasheet (PDF) - Microchip Technology

MCP1700 Datasheet PDF - Microchip Technology
Part # MCP1700
Download  MCP1700 Download
File Size   654.64 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Quiescent Current LDO

MCP1700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1700 Datasheet PDF - Microchip Technology

Part # MCP1700
Download  MCP1700 Click to download

File Size   654.64 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Quiescent Current LDO

MCP1700 Datasheet (HTML) - Microchip Technology


MCP1700 Product details

General Description

The MCP1700 is a family of CMOS low dropout (LDO) voltage regulators that can deliver up to 250 mA of current while consuming only 1.6 µA of quiescent current (typical). The input operating range is specified from 2.3V to 6.0V, making it an ideal choice for two and three primary cell battery-powered applications, as well as single cell Li-Ion-powered applications.



Features

• 1.6 µA Typical Quiescent Current

• Input Operating Voltage Range: 2.3V to 6.0V

• Output Voltage Range: 1.2V to 5.0V

• 250 mA Output Current for output voltages ≥ 2.5V

• 200 mA Output Current for output voltages < 2.5V

• Low Dropout (LDO) voltage

   - 178 mV typical @ 250 mA for VOUT = 2.8V

• 0.4% Typical Output Voltage Tolerance

• Standard Output Voltage Options:

   - 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V

• Stable with 1.0 µF Ceramic Output capacitor

• Short Circuit Protection

• Overtemperature Protection



Applications

• Battery-powered Devices

• Battery-powered Alarm Circuits

• Smoke Detectors

• CO2 Detectors

• Pagers and Cellular Phones

• Smart Battery Packs

• Low Quiescent Current Voltage Reference

• PDAs

• Digital Cameras

• Microcontroller Power



 




Similar Part No. - MCP1700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700 Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700 Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1202E MICROCHIP-MCP1700-1202E Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700-1202E/TO MICROCHIP-MCP1700-1202E/TO Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
More results


Similar Description - MCP1700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com