Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1640BT-ICHY Datasheet (PDF) - Microchip Technology

MCP1640BT-ICHY Datasheet PDF - Microchip Technology
Part # MCP1640BT-ICHY
Download  MCP1640BT-ICHY Download
File Size   474.23 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option

MCP1640BT-ICHY Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1640BT-ICHY Datasheet PDF - Microchip Technology

Part # MCP1640BT-ICHY
Download  MCP1640BT-ICHY Click to download

File Size   474.23 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option

MCP1640BT-ICHY Datasheet (HTML) - Microchip Technology


MCP1640BT-ICHY Product details

General Description
The MCP1640/B/C/D is a compact, high-efficiency, fixed frequency, synchronous step-up DC-DC converter. It provides an easy-to-use power supply solution for applications powered by either one-cell, two-cell, or three-cell alkaline, NiCd, NiMH, one-cell Li-Ion or Li-Polymer batteries.

Features
• Up to 96% Typical Efficiency
• 800 mA Typical Peak Input Current Limit:
    - IOUT > 100 mA @ 1.2V VIN, 3.3V VOUT
    - IOUT > 350 mA @ 2.4V VIN, 3.3V VOUT
    - IOUT > 350 mA @ 3.3V VIN, 5.0V VOUT
• Low Start-up Voltage: 0.65V, typical 3.3V VOUT @ 1 mA
• Low Operating Input Voltage: 0.35V, typical 3.3VOUT @ 1 mA
• Adjustable Output Voltage Range: 2.0V to 5.5V
• Maximum Input Voltage ≤ VOUT < 5.5V
• Automatic PFM/PWM Operation (MCP1640/C):
    - PFM Operation Disabled (MCP1640B/D)
    - PWM Operation: 500 kHz
• Low Device Quiescent Current: 19 µA, typical PFM Mode
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft-Start
• Selectable, Logic Controlled, Shutdown States:
    - True Load Disconnect Option (MCP1640/B)
    - Input to Output Bypass Option (MCP1640C/D)
• Shutdown Current (All States): < 1 µA
• Low Noise, Anti-Ringing Control
• Overtemperature Protection
• Available Packages:
    - SOT23-6
    - 2x3 8-Lead DFN

Applications
• One, Two and Three Cell Alkaline and NiMH/NiCd Portable Products
• Single Cell Li-Ion to 5V Converters
• Li Coin Cell Powered Devices
• Personal Medical Products
• Wireless Sensors
• Handheld Instruments
• GPS Receivers
• Bluetooth Headsets
• +3.3V to +5.0V Distributed Power Supply




Similar Part No. - MCP1640BT-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640BT-ICHY MICROCHIP-MCP1640BT-ICHY Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640BT-ICHY MICROCHIP-MCP1640BT-ICHY Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results


Similar Description - MCP1640BT-ICHY

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com