Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP41010 Datasheet (PDF) - Microchip Technology

MCP41010 Datasheet PDF - Microchip Technology
Part # MCP41010
Download  MCP41010 Download
File Size   689.71 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single/Dual Digital Potentiometer with SPI Interface

MCP41010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP41010 Datasheet PDF - Microchip Technology

Part # MCP41010
Download  MCP41010 Click to download

File Size   689.71 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single/Dual Digital Potentiometer with SPI Interface

MCP41010 Datasheet (HTML) - Microchip Technology


MCP41010 Product details

Description

The MCP41XXX and MCP42XXX devices are 256-position, digital potentiometers available in 10 kΩ, 50 kΩ and 100 kΩ resistance versions. The MCP41XXX is a single-channel device and is offered in an 8-pin PDIP or SOIC package. The MCP42XXX contains two independent channels in a 14-pin PDIP, SOIC or TSSOP package. The wiper position of the MCP41XXX/42XXX varies linearly and is controlled via an industry-standard SPI interface. The devices consume <1 µA during static operation. A software shutdown feature is provided that disconnects the “A” terminal from the resistor stack and simultaneously connects the wiper to the “B” terminal.



Features

• 256 taps for each potentiometer

• Potentiometer values for 10 kΩ, 50 kΩ and 100 kΩ

• Single and dual versions

• SPI™ serial interface (mode 0,0 and 1,1)

• ±1 LSB max INL & DNL

• Low power CMOS technology

• 1 µA maximum supply current in static operation

• Multiple devices can be daisy-chained together (MCP42XXX only)

• Shutdown feature open circuits of all resistors for maximum power savings

• Hardware shutdown pin available on MCP42XXX only

• Single supply operation (2.7V - 5.5V)

• Industrial temperature range: -40°C to +85°C

• Extended temperature range: -40°C to +125°C




Similar Part No. - MCP41010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP41010 MICROCHIP-MCP41010 Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41010-EP MICROCHIP-MCP41010-EP Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41010-ISN MICROCHIP-MCP41010-ISN Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41010E/P MICROCHIP-MCP41010E/P Datasheet
897Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP41010E/SL MICROCHIP-MCP41010E/SL Datasheet
897Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results


Similar Description - MCP41010

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
logo
Microchip Technology
MCP41050-ISN MICROCHIP-MCP41050-ISN Datasheet
897Kb / 32P
Single/Dual Digital Potentiometer with SPI??Interface
07/28/03
MCP41100-I MICROCHIP-MCP41100-I Datasheet
897Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
MCP42050-I MICROCHIP-MCP42050-I Datasheet
689Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
logo
Texas Instruments
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Microchip Technology
MCP41XXX MICROCHIP-MCP41XXX Datasheet
619Kb / 32P
Single/Dual Digital Potentiometer with SPI Interface
07/28/03
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com