Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F220 Datasheet (PDF) - Microchip Technology

PIC10F220 Datasheet PDF - Microchip Technology
Part # PIC10F220
Download  PIC10F220 Download
File Size   970.28 Kbytes
Page   86 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Microcontrollers with 8-bit A/D

PIC10F220 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC10F220 Datasheet PDF - Microchip Technology

Part # PIC10F220
Download  PIC10F220 Click to download

File Size   970.28 Kbytes
Page   86 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Performance Microcontrollers with 8-bit A/D

PIC10F220 Datasheet (HTML) - Microchip Technology


PIC10F220 Product details

GENERAL DESCRIPTION
The PIC10F220/222 devices from Microchip Technology are low-cost, high-performance, 8-bit, fully static Flash-based CMOS microcontrollers. They employ a RISC architecture with only 33 single-word/single-cycle instructions. All instructions are singlecycle (1 μs) except for program branches, which take two cycles. The PIC10F220/222 devices deliver performance in an order of magnitude higher than their competitors in the same price category. The 12-bit wide instructions are highly symmetrical, resulting in a typical 2:1 code compression over other 8-bit microcontrollers in its class. The easy-to-use and easy to remember instruction set reduces development time significantly.

High-Performance RISC CPU:
• Only 33 Single-Word Instructions to Learn
• All Single-Cycle Instructions Except for Program Branches which are Two-Cycle
• 12-bit Wide Instructions
• 2-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes for Data and Instructions
• 8-bit Wide Data Path
• 8 Special Function Hardware Registers
• Operating Speed:
    - 500 ns instruction cycle with 8 MHz internal clock
    - 1 μs instruction cycle with 4 MHz internal clock

Special Microcontroller Features:
• 4 or 8 MHz Precision Internal Oscillator:
    - Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) Support
• Power-On Reset (POR)
• Short Device Reset Timer, DRT (1.125 ms typical)
• Watchdog Timer (WDT) with Dedicated On-Chip RC Oscillator for Reliable Operation
• Programmable Code Protection
• Multiplexed MCLR Input Pin
• Internal Weak Pull-Ups on I/O Pins
• Power-Saving Sleep mode
• Wake-up from Sleep on Pin Change

Low-Power Features/CMOS Technology:
• Operating Current:
    - < 175 μA @ 2V, 4 MHz
• Standby Current:
    - 100 nA @ 2V, typical
• Low-Power, High-Speed Flash Technology:
    - 100,000 Flash endurance
    - > 40-year retention
• Fully Static Design
• Wide Operating Voltage Range: 2.0V to 5.5V
• Wide Temperature Range:
    - Industrial: -40°C to +85°C
    - Extended: -40°C to +125°C

Peripheral Features:
• 4 I/O Pins:
    - 3 I/O pins with individual direction control
    - 1 input only pin
    - High current sink/source for direct LED drive
    - Wake-on-change
    - Weak pull-ups
• 8-bit Real-Time Clock/Counter (TMR0) with 8-bit Programmable Prescaler
• Analog-to-Digital (A/D) Converter:
    - 8-bit resolution
    - 2 external input channels
    - 1 internal input channel dedicated




Similar Part No. - PIC10F220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F220 MICROCHIP-PIC10F220 Datasheet
1Mb / 78P
6-Pin, 8-Bit Flash Microcontrollers
2006
PIC10F220 MICROCHIP-PIC10F220 Datasheet
861Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
2007
PIC10F220 MICROCHIP-PIC10F220 Datasheet
863Kb / 20P
Adding Intelligence to Lighting Applications
Summer 2010
PIC10F220 MICROCHIP-PIC10F220 Datasheet
970Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220 MICROCHIP-PIC10F220 Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
More results


Similar Description - PIC10F220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC18CXX2 MICROCHIP-PIC18CXX2 Datasheet
5Mb / 296P
High-Performance Microcontrollers with 10-Bit A/D
1999
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC10F220 MICROCHIP-PIC10F220_1 Datasheet
861Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
2007
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC10F220T-I-OT MICROCHIP-PIC10F220T-I-OT Datasheet
861Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222T-I-OT MICROCHIP-PIC10F222T-I-OT Datasheet
861Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F220-I MICROCHIP-PIC10F220-I Datasheet
861Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222-I MICROCHIP-PIC10F222-I Datasheet
970Kb / 86P
High-Performance Microcontrollers with 8-bit A/D
06/25/07
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com