Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA82C251 Datasheet (PDF) - NXP Semiconductors

PCA82C251 Datasheet PDF - NXP Semiconductors
Part # PCA82C251
Download  PCA82C251 Download
File Size   119.63 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description CAN transceiver for 24 V systems

PCA82C251 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA82C251 Datasheet PDF - NXP Semiconductors

Part # PCA82C251
Download  PCA82C251 Click to download

File Size   119.63 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description CAN transceiver for 24 V systems

PCA82C251 Datasheet (HTML) - NXP Semiconductors


PCA82C251 Product details

General description
The PCA82C251 is the interface between a CAN protocol controller and the physical bus.
The device provides differential transmit capability to the bus and differential receive
capability to the CAN controller.

Features and benefits
 Fully compatible with the “ISO11898-24V” standard
 Slope control to reduce Radio Frequency Interference (RFI)
 Thermally protected
 Short-circuit proof to battery and ground in 24V powered systems
 Low-current Standby mode
 An unpowered node does not disturb the bus lines
 At least 110nodes can be connected
 High speed (up to 1MBd)
 High immunity against electromagnetic interference.

Applications
 High-speed applications (up to 1MBd) in trucks and busses.




Similar Part No. - PCA82C251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251T PHILIPS-PCA82C251T Datasheet
95Kb / 20P
CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251T NXP-PCA82C251T Datasheet
151Kb / 16P
CAN transceiver for 24 V systems
Rev. 04-28 January 2010
More results


Similar Description - PCA82C251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
CAN transceiver for 24 V systems
2000 Jan 13
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
logo
NXP Semiconductors
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
CAN transceiver for 24 V systems
Rev. 04-28 January 2010
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
3.3-V CAN TRANSCEIVER
logo
NXP Semiconductors
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
CAN transceiver for 24 V systems
Rev. 04-25 August 2011
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
5-V CAN TRANSCEIVER
logo
Rohm
BD41041FJ-C ROHM-BD41041FJ-C Datasheet
1Mb / 26P
CAN Transceiver for Automotive
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
CAN FD Transceiver for Automotive
logo
STMicroelectronics
TDA7576B STMICROELECTRONICS-TDA7576B Datasheet
280Kb / 17P
Dual bridge MOSFET power amplifier for 24 V systems
18-Sep-2013
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com