Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS179-92 Datasheet (PDF) - Alpha Industries

AS179-92 Datasheet PDF - Alpha Industries
Part # AS179-92
Download  AS179-92 Download
File Size   24.05 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC SPDT Switch DC-3 GHz

AS179-92 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS179-92 Datasheet PDF - Alpha Industries

Part # AS179-92
Download  AS179-92 Click to download

File Size   24.05 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC SPDT Switch DC-3 GHz

AS179-92 Datasheet (HTML) - Alpha Industries


AS179-92 Product details

Description
The AS179-92 is an IC FET SPDT switch in a low cost miniature SC-70 6 lead plastic package. The AS179-92 features low insertion loss and positive voltage operation with very low DC power consumption. This general purpose switch can be used in a variety of telecommunications applications.

Features
■ P1 dB +30 dBm Typical @ +3 V
■ IP3 43 dBm Typical @ +3 V
■ Low Insertion Loss (0.3 dB @ 0.9 GHz)
■ Low DC Power Consumption
■ Ultra Miniature SC-70 6 Lead Package
■ PHEMT Process




Similar Part No. - AS179-92

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS179-92LF SKYWORKS-AS179-92LF Datasheet
109Kb / 4P
PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS179-92LF SKYWORKS-AS179-92LF Datasheet
1Mb / 17P
The Right Products for Your System Applications
logo
TECH PUBLIC Electronics...
AS179-92LF TECHPUBLIC-AS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
logo
Skyworks Solutions Inc.
AS179-92LF-EVB SKYWORKS-AS179-92LF-EVB Datasheet
670Kb / 8P
General purpose medium-power switches in telecommunication applications
More results


Similar Description - AS179-92

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 ALPHA-AS183-92 Datasheet
38Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92 Datasheet
51Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com