Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS195-306 Datasheet (PDF) - Alpha Industries

AS195-306 Datasheet PDF - Alpha Industries
Part # AS195-306
Download  AS195-306 Download
File Size   419.94 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC High Power SP5T Switch 0.1-2 GHz

AS195-306 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS195-306 Datasheet PDF - Alpha Industries

Part # AS195-306
Download  AS195-306 Click to download

File Size   419.94 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description PHEMT GaAs IC High Power SP5T Switch 0.1-2 GHz

AS195-306 Datasheet (HTML) - Alpha Industries


AS195-306 Product details

Description
The AS195-300 is a reflective SP5T switch. It is an ideal switch for higher power applications. It can be used for GSM dual band handset applications where both low loss, low current and small size are critical parameters.

Features
■ 5 Symmetric RF Paths
■ Positive Voltage Control
■ High IP3
■ Excellent Harmonic Performance
■ Handles GSM Power Levels
■ Available in MLF-16 (4 x 4 mm) Package




Similar Part No. - AS195-306

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS195-306 SKYWORKS-AS195-306 Datasheet
216Kb / 4P
PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
AS195-306LF SKYWORKS-AS195-306LF Datasheet
216Kb / 4P
PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
AS195-306LF SKYWORKS-AS195-306LF Datasheet
377Kb / 7P
PHEMT GaAs IC High-Power SP5T Switch 0.1 to 2 GHz
AS195-306LF SKYWORKS-AS195-306LF_16 Datasheet
377Kb / 7P
PHEMT GaAs IC High-Power SP5T Switch 0.1 to 2 GHz
More results


Similar Description - AS195-306

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS166-300 ALPHA-AS166-300 Datasheet
51Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS192-306 SKYWORKS-AS192-306 Datasheet
43Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS192-000 SKYWORKS-AS192-000 Datasheet
181Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
AS195-306 SKYWORKS-AS195-306 Datasheet
216Kb / 4P
PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
AS195-306LF SKYWORKS-AS195-306LF_16 Datasheet
377Kb / 7P
PHEMT GaAs IC High-Power SP5T Switch 0.1 to 2 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1?? GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com